Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5173ED8 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części CS5173ED8
Szczegółowy opis  1.5 A 280 kHz/560 kHz Boost Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5173ED8 Arkusz danych(HTML) 2 Page - ON Semiconductor

  CS5173ED8 Datasheet HTML 1Page - ON Semiconductor CS5173ED8 Datasheet HTML 2Page - ON Semiconductor CS5173ED8 Datasheet HTML 3Page - ON Semiconductor CS5173ED8 Datasheet HTML 4Page - ON Semiconductor CS5173ED8 Datasheet HTML 5Page - ON Semiconductor CS5173ED8 Datasheet HTML 6Page - ON Semiconductor CS5173ED8 Datasheet HTML 7Page - ON Semiconductor CS5173ED8 Datasheet HTML 8Page - ON Semiconductor CS5173ED8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
2
+
1
2
3
45
6
7
8
VOUT
L1
5 V
C3
22
mF
VC
FB
Test
SS
VCC
AGND
PGND
VSW
+
MBRS120T3
D1
22
mH
C2
22
mF
R3
1.28 k
3.72 k
R2
C1
SS
3.3 V
R1
5 k
0.01
mF
Figure 1. Applications Diagram
MAXIMUM RATINGS
Rating
Value
Unit
Junction Temperature Range, TJ
−40 to +150
°C
Storage Temperature Range, TSTORAGE
−65 to +150
°C
Package Thermal Resistance: Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
45
165
°C/W
°C/W
Lead Temperature Soldering: Reflow (Note 1)
230 Peak
°C
ESD, Human Body Model
1.2
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
30 V
−0.3 V
N/A
200 mA
Shutdown/Sync
SS
30 V
−0.3 V
1.0 mA
1.0 mA
Loop Compensation
VC
6.0 V
−0.3 V
10 mA
10 mA
Voltage Feedback Input
FB
(CS5171/3 only)
10 V
−0.3 V
1.0 mA
1.0 mA
Negative Feedback Input
(transient, 10 ms)
NFB
(CS5172/4 only)
−10 V
10 V
1.0 mA
1.0 mA
Test Pin
Test
6.0 V
−0.3 V
1.0 mA
1.0 mA
Power Ground
PGND
0.3 V
−0.3 V
4 A
10 mA
Analog Ground
AGND
0 V
0 V
N/A
10 mA
Switch Input
VSW
40 V
−0.3 V
10 mA
3.0 A


Podobny numer części - CS5173ED8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS5173ED8 ONSEMI-CS5173ED8 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5173ED8G ONSEMI-CS5173ED8G Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
More results

Podobny opis - CS5173ED8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com