Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5173ED8 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części CS5173ED8
Szczegółowy opis  1.5 A 280 kHz/560 kHz Boost Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5173ED8 Arkusz danych(HTML) 5 Page - ON Semiconductor

  CS5173ED8 Datasheet HTML 1Page - ON Semiconductor CS5173ED8 Datasheet HTML 2Page - ON Semiconductor CS5173ED8 Datasheet HTML 3Page - ON Semiconductor CS5173ED8 Datasheet HTML 4Page - ON Semiconductor CS5173ED8 Datasheet HTML 5Page - ON Semiconductor CS5173ED8 Datasheet HTML 6Page - ON Semiconductor CS5173ED8 Datasheet HTML 7Page - ON Semiconductor CS5173ED8 Datasheet HTML 8Page - ON Semiconductor CS5173ED8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
5
PGND
VSW
+
+
+
VCC
SS
NFB
FB
AGND
Positive
Error Amp
CS5172/4
only
CS5171/3
only
Negative
Error Amp
PWM
Comparator
Ramp
Summer
Slope
Compensation
Thermal
Shutdown
2.0 V
Regulator
Delay
Timer
Sync
Shutdown
Oscillator
Frequency
Shift 5:1
S PWM
Latch
R
Q
Driver
Switch
63 m
W
−0.65 V Detector
0.4 V Detector
1.276 V
250 k
200 k
2.0 V
VC
×5
Figure 2. Block Diagram


Podobny numer części - CS5173ED8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS5173ED8 ONSEMI-CS5173ED8 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5173ED8G ONSEMI-CS5173ED8G Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
More results

Podobny opis - CS5173ED8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com