Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5307 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FAN5307
Szczegółowy opis  High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5307 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5307 Datasheet HTML 3Page - Fairchild Semiconductor FAN5307 Datasheet HTML 4Page - Fairchild Semiconductor FAN5307 Datasheet HTML 5Page - Fairchild Semiconductor FAN5307 Datasheet HTML 6Page - Fairchild Semiconductor FAN5307 Datasheet HTML 7Page - Fairchild Semiconductor FAN5307 Datasheet HTML 8Page - Fairchild Semiconductor FAN5307 Datasheet HTML 9Page - Fairchild Semiconductor FAN5307 Datasheet HTML 10Page - Fairchild Semiconductor FAN5307 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
FAN5307 Rev. 1.0.4
Block Diagram
Detailed Operation Description
The FAN5307 is a step-down converter operating in a
current-mode PFM/PWM architecture with a typical
switching frequency of 1MHz. At moderate to heavy
loads, the converter operates in pulse-width-modulation
(PWM) mode. At light loads the converter enters a
power-save mode (PFM pulse skipping) to keep the effi-
ciency high.
PWM Mode
In PWM mode, the device operates at a fixed frequency
of 1MHz. At the beginning of each clock cycle, the
P-channel transistor is turned on. The inductor current
ramps up and is monitored via an internal circuit. The
P-channel switch is turned off when the sensed current
causes the PWM comparator to trip when the output volt-
age is in regulation or when the inductor current reaches
the current limit (set internally to typically 520mA). After
a minimum dead time the N-channel transistor is turned
on and the inductor current ramps down. As the clock
cycle is completed, the N-channel switch is turned off
and the next clock cycle starts.
PFM (Power Save) Mode
As the load current decreases and the peak inductor cur-
rent no longer reaches the typical threshold of 80mA, the
converter
enters
pulse-frequency-modulation
(PFM)
mode. In PFM mode the device operates with a variable
frequency and constant peak current thus reducing the
quiescent current to minimum. Consequently, the high
efficiency is maintained at light loads. As soon as the
output voltage falls below a threshold, set at 0.8% above
the nominal value, the P-channel transistor is turned on
and the inductor current ramps up. The P-channel switch
turns off and the N-channel turns on as the peak induc-
tor current is reached (typical 140mA).
The N-channel transistor is turned off before the inductor
current becomes negative. At this time the P-channel is
switched on again starting the next pulse. The converter
continues these pulses until the high threshold (typical
1.6% above nominal value) is reached. A higher output
voltage in PFM mode gives additional headroom for the
voltage drop during a load transient from light to full load.
The voltage overshoot during this load transient is also
minimized due to active regulation during turning on the
FB
ERROR
AMPLIFIER
REF
FB
REF
IS
IS
CURRENT
SENSE
NEG. LIMIT
SENSE
DIGITAL
SOFT START
UNDER VOLTAGE
LOCKOUT
LOGIC
CONTROL
MOSFET
DRIVER
OSC
SLOPE COMPENSATION
PFM
COMPARATOR
COMPARATOR
OVER
VOLTAGE
COMPARATOR
NEG. LIMIT
COMPARATOR
IS
GND
LX
VIN
EN
GND
0.5V


Podobny numer części - FAN5307

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

Podobny opis - FAN5307

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com