Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5479L Arkusz danych(PDF) 1 Page - Alpha Wire

Numer części 5479L
Szczegółowy opis  CUSTOMER PRODUCT SPECIFICATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPHAWIRE [Alpha Wire]
Strona internetowa  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5479L Arkusz danych(HTML) 1 Page - Alpha Wire

  5479L Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 5479L
Issue:
1
Page 1 of 1 Pages
Issue Date:
1/5/2009
Effective Date:
1/5/2009
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
9 X 1 PAIR
a) Conductor
24 (7/32) AWG TC
b) Insulation
0.010" Wall, Nom. Low Smoke Zero Halogen (LSZH)
0.043
(1) Color Code
Alpha Wire Company Color Code K
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
4
BLACK-BLUE
7
BLACK-ORANGE
2
BLACK-WHITE
5
BLACK-YELLOW
8
RED-WHITE
3
BLACK-GREEN
6
BLACK-BROWN
9
RED-GREEN
c)
Pair
2/Cond Cabled Together
(1) Twists:
9.6 Twists/foot (min)
2) Cable Assembly
9 Components Cabled
a) Twists:
3.2 Twists/foot (min)
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing In
b) Drain Wire
24 (7/32) AWG TC
4) Jacket
0.032" Wall, Nom.,Low Smoke Zero Halogen (LSZH)
0.339 (0.358 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 5479L 9PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR 75C C(UL) TYPE CMG
LSZH
ROHS
* = Factory Code
B.
Industry Approvals
1) UL
CM
75°C
2) CSA International
FT4
C(UL) TYPE CMG
75°C
3) Other
REACH Regulation (EC 1907/2006)
4) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site for
compliance Date of Manufacture.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 75°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
67 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Inductance
0.19 µH/ft, Nominal
3) Conductor DCR
26 Ω/1000ft @20°C, Nominal
4) OA Shield DCR
13.4 Ω/1000ft @20°C, Nominal
E.
Other
1) Packaging
a) Bulk(Made-to-order)
2) Notes:
a) Flammability - Passes IEC 60332-1
b) Acid Gas Generation - Passes IEC 60754-1 and 60754-2
c)
Smoke Emission - Passes IEC 61034-2


Podobny numer części - 5479L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
54790001X5F101M APITECH-54790001X5F101M Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54790001X5F101M APITECH-54790001X5F101M Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Festo Corporation.
547906 FESTO-547906 Datasheet
103Kb / 2P
   Diffuse scan
7/13/22
547907 FESTO-547907 Datasheet
111Kb / 2P
   Diffuse scan
7/13/22
547908 FESTO-547908 Datasheet
104Kb / 2P
   Diffuse scan
7/13/22
More results

Podobny opis - 5479L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Wire
B963064 ALPHAWIRE-B963064 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B963114 ALPHAWIRE-B963114 Datasheet
71Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B964054 ALPHAWIRE-B964054 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6419 ALPHAWIRE-6419 Datasheet
76Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86406CY ALPHAWIRE-86406CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86504CY ALPHAWIRE-86504CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86703CY ALPHAWIRE-86703CY Datasheet
77Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
5902C ALPHAWIRE-5902C Datasheet
79Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com