Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1638 Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części 2SK1638
Szczegółowy opis  Drain Current ?밒D= 3A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1638 Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1638 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1638 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1638
DESCRIPTION
·Drain Current
–I
D= 3A@ TC=25℃
·Drain Source Voltage-
: VDSS=900V(Min)
APPLICATIONS
·Designed for high voltage, high speed power switching
applications such as switching regulators, converters,
solenoid and relay drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
900
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
3
A
Ptot
Total Dissipation@TC=25℃
60
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
PDF pdfFactory Pro
www.fineprint.cn


Podobny numer części - 2SK1638

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK163 HITACHI-2SK163 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK163 HITACHI-2SK163 Datasheet
34Kb / 6P
   Silicon N-Channel MOS FET
logo
NEC
2SK163 NEC-2SK163 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
Inchange Semiconductor ...
2SK1630 ISC-2SK1630 Datasheet
64Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
2SK1631 ISC-2SK1631 Datasheet
66Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
More results

Podobny opis - 2SK1638

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK846 ISC-2SK846 Datasheet
67Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1554 ISC-2SK1554 Datasheet
61Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1565 ISC-2SK1565 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1356 ISC-2SK1356 Datasheet
62Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK538 ISC-2SK538 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK726 ISC-2SK726 Datasheet
57Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1073 ISC-2SK1073 Datasheet
67Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK961 ISC-2SK961 Datasheet
65Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1601 ISC-2SK1601 Datasheet
66Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
2SK1074 ISC-2SK1074 Datasheet
68Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com