Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST2221A Arkusz danych(PDF) 2 Page - Silicon Touch Technology Inc.

Numer części ST2221A
Szczegółowy opis  5V CMOS Compatible Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2221A Arkusz danych(HTML) 2 Page - Silicon Touch Technology Inc.

  ST2221A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
ST2221A
8-BIT CONSTANT CURRENT LED DRIVERS
Version:A.036
Page: 1
ST2221A
8-Bit CONSTANT CURRENT LED DRIVERS
General Description
The ST2221A is specifically designed for LED and LED DISPLAY constant current drivers.
The value of constant current can be varied using an external resistor (Iout = 5 ~90mA).
The
devices include an 8-bit shift registers, latches, and constant current drivers on a single Silicon
CMOS chip.
Features
Constant Current Output :
Current with one resistor for 5mA to 90mA
Maximum Clock Frequency : 25MHz (Cascade Operation)
5V CMOS Compatible Input
Package :
PDIP16,SOP16,SSOP16
Constant Current Matching: (Ta = 25
°C、VDD = 5.0V)
Bit-to-Bit :
± 6%Chip-to-Chip : ± 10%
@ IOUT = 5 ~ 40mA
Bit-to-Bit :
± 6%Chip-to-Chip : ± 10%
@ IOUT = 40 ~ 90mA


Podobny numer części - ST2221A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
More results

Podobny opis - ST2221A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
DM133 SITI-DM133 Datasheet
271Kb / 20P
   CMOS Compatible Input/Output
logo
Shindengen Electric Mfg...
MTA011 SHINDENGEN-MTA011_17 Datasheet
202Kb / 4P
   TTL/CMOS Compatible Input (High Active)
logo
Maxim Integrated Produc...
DS21Q352 MAXIM-DS21Q352 Datasheet
167Kb / 13P
   Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
STMicroelectronics
74LX1GU04 STMICROELECTRONICS-74LX1GU04 Datasheet
115Kb / 10P
   LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54040-LBE INFINEON-BTS54040-LBE Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
BTS54220-LBA INFINEON-BTS54220-LBA Datasheet
2Mb / 71P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54220-LBE INFINEON-BTS54220-LBE Datasheet
2Mb / 72P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com