Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33025DWG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC33025DWG
Szczegółowy opis  High Speed Double-Ended PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWG Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC33025DWG Datasheet HTML 1Page - ON Semiconductor MC33025DWG Datasheet HTML 2Page - ON Semiconductor MC33025DWG Datasheet HTML 3Page - ON Semiconductor MC33025DWG Datasheet HTML 4Page - ON Semiconductor MC33025DWG Datasheet HTML 5Page - ON Semiconductor MC33025DWG Datasheet HTML 6Page - ON Semiconductor MC33025DWG Datasheet HTML 7Page - ON Semiconductor MC33025DWG Datasheet HTML 8Page - ON Semiconductor MC33025DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC34025, MC33025
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kW, CT = 1.0 nF, for typical values TA = +25°C, for min/max values
TA is the operating ambient temperature range that applies [Note 4], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage
VIO
15
mV
Input Bias Current
IIB
0.6
3.0
mA
Input Offset Current
IIO
0.1
1.0
mA
Open−Loop Voltage Gain (VO = 1.0 V to 4.0 V)
AVOL
60
95
dB
Gain Bandwidth Product (TJ = +25°C)
GBW
4.0
8.3
MHz
Common Mode Rejection Ratio (VCM = 1.5 V to 5.5 V)
CMRR
75
95
dB
Power Supply Rejection Ratio (VCC = 10 V to 30 V)
PSRR
85
110
dB
Output Current,
Source (VO = 4.0 V)
Sink (VO = 1.0 V)
ISource
ISink
0.5
1.0
3.0
3.6
mA
Output Voltage Swing,
High State (IO = − 0.5 mA)
Low State (IO = 1.0 mA)
VOH
VOL
4.5
0
4.75
0.4
5.0
1.0
V
Slew Rate
SR
6.0
12
V/ms
PWM COMPARATOR SECTION
Ramp Input Bias Current
IIB
−0.5
−5.0
mA
Duty Cycle of Each Output,
Maximum
Minimum
DC(max)
DC(min)
40
45
0
%
Zero Duty Cycle Threshold Voltage Pin 3(4) (Pin 7(9) = 0 V)
Vth
1.1
1.25
1.4
V
Propagation Delay (Ramp Input to Output, TJ = +25°C)
tPLH(in/out)
60
100
ns
SOFT−START SECTION
Charge Current (VSoft−Start = 0.5 V)
Ichg
3.0
9.0
20
mA
Discharge Current (VSoft−Start = 1.5 V)
Idischg
1.0
4.0
mA
CURRENT SENSE SECTION
Input Bias Current (Pin 9(12) = 0 V to 4.0 V)
IIB
15
mA
Current Limit Comparator Threshold
Shutdown Comparator Threshold
Vth
Vth
0.9
1.25
1.0
1.40
1.10
1.55
V
Propagation Delay (Current Limit/Shutdown to Output, TJ = +25°C)
tPLH(in/out)
50
80
ns
OUTPUT SECTION
Output Voltage
Low State
(ISink = 20 mA)
(ISink = 200 mA)
High State
(ISource = 20 mA)
(ISource = 200 mA)
VOL
VOH
13
12
0.25
1.2
13.5
13
0.4
2.2
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 0.5 mA)
VOL(UVLO)
0.25
1.0
V
Output Leakage Current (VC = 20 V)
IL
100
500
mA
Output Voltage Rise Time (CL = 1.0 nF, TJ = +25°C)
tr
30
60
ns
Output Voltage Fall Time (CL = 1.0 nF, TJ = +25°C)
tf
30
60
ns
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold (VCC Increasing)
Vth(on)
8.8
9.2
9.6
V
UVLO Hysteresis Voltage (VCC Decreasing After Turn−On)
VH
0.4
0.8
1.2
V
TOTAL DEVICE
Power Supply Current
Startup (VCC = 8.0 V)
Operating
ICC
0.5
25
1.2
35
mA
3. Maximum package power dissipation limits must be observed.
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow = 0°C for MC34025
Thigh = +70°C for MC34025
Tlow = − 40°C for MC33025
Thigh = +105°C for MC33025


Podobny numer części - MC33025DWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33025DWG ONSEMI-MC33025DWG Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
More results

Podobny opis - MC33025DWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com