Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54 Arkusz danych(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części BAT54
Szczegółowy opis  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAT54 Arkusz danych(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAT54 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT54 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT54 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT54 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
5
10
15
20
25
30
0
4
8
12
16
20
0
25
50
75
100
125
0
50
100
150
200
250
0
200
400
600
800
1000
0.01
0.1
1
10
100
0
5
10
15
20
25
30
0.01
0.1
1
10
100
T
a
=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(
)
200
Forward
Characteristics
FORWARD VOLTAGE
V
F
(mV)
300
Reverse
Characteristics
T
a
=100
oC
T
a
=25
oC
REVERSE VOLTAGE
V
R
(V)
Typical Characteristics
F,Mar,2016
www.cj-elec.com
2


Podobny numer części - BAT54

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
List of Unclassifed Man...
BAT54 ETC2-BAT54 Datasheet
112Kb / 2P
   SCHOTTKY DIODES
logo
SamHop Microelectronics...
BAT54 SAMHOP-BAT54 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
FutureWafer Tech Co.,Lt...
BAT54 FUTUREWAFER-BAT54 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
More results

Podobny opis - BAT54

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com