Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4455 Arkusz danych(PDF) 4 Page - TEMIC Semiconductors

Numer części TDA4455
Szczegółowy opis  Multistandard VIF Amplifier and PLL Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEMIC [TEMIC Semiconductors]
Strona internetowa  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4455 Arkusz danych(HTML) 4 Page - TEMIC Semiconductors

  TDA4455 Datasheet HTML 1Page - TEMIC Semiconductors TDA4455 Datasheet HTML 2Page - TEMIC Semiconductors TDA4455 Datasheet HTML 3Page - TEMIC Semiconductors TDA4455 Datasheet HTML 4Page - TEMIC Semiconductors TDA4455 Datasheet HTML 5Page - TEMIC Semiconductors TDA4455 Datasheet HTML 6Page - TEMIC Semiconductors TDA4455 Datasheet HTML 7Page - TEMIC Semiconductors TDA4455 Datasheet HTML 8Page - TEMIC Semiconductors TDA4455 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TELEFUNKEN Semiconductors
TDA4455
Preliminary Information
Rev. A1: 08.05.1995
4 (12)
Electrical Characteristics
Vs = 8 V, Tamb = 25°C, reference point Pin 5, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
DC-supply
Pin 15
Supply voltage
Vs
6.8
8.0
13.0
V
Supply current
Is
50
60
mA
IF-amplifier
Pins 1–2 or Pins 17–18
Input sensitivity
sync peak value, B/G
Vin
80
120
µVeff
Input impedance
Rin
1.2
k
W
Input capacitance
Cin
2
pF
IF-AGC
Pins 6 and 8
IF gain control range
Gv
60
66
dB
Response time, standard L
Note 1
tAGC
10
µsec
AGC capacitor
C6
4,7
µF
Average capacitor
C8
68
nF
Tuner-AGC
Pins 3 and 4
Available tuner-AGC
current
I4
4
mA
Automatic turn over point
Gv,tun
65
dB
PLL
Pins 9–10, 12, 13
see note 2
PLL capture range
Dfcap
±1.5
MHz
VCO-tuning range
Dfvco
3.0
MHz
VCO-tuning sensitivity
Df / Du
3.0
4.5
kHz/mV
Video demodulator output
Pin 7
see note 3
Composite video output
signal standard B/G
Note 4
Vout
1.8
2.0
2.2
Vpp
Video output signal
standard L
Note 5
Vout
1.2
1.4
1.6
Vpp
Difference of the video
signals
Standard B/G and L
DVout
10
%
Ultra white level,
standard B/G
Zero carrier level
V7
4.2
V
Ultra black level, Stand. L
Zero carrier level
V7
1.9
V
Supply voltage influence
on the ultra black level
(B /G)
DV/V
0.5
%/V
Supply voltage influence
on the ultra black level (L)
DV/V
0.5
%/V
Video bandwidth (–3 dB)
B
12
MHz
Video frequency response
over the AGC range
DB
2.0
dB
Differential gain error
DG
3
%
Differential phase error
DF
3
deg
Video demodulator output
Pin 7
Sound chroma beat
(1.07 MHz intermodu-
lation) related to demodu-
lated auxiliary colour
carrier.
Picture carrier = 0 dB
Colour carrier = –6 dB
Sound carrier = –24 dB
aIM
52
dB


Podobny numer części - TDA4455

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TELEFUNKEN Elektroakust...
TDA4450 TELEFUNKEN-TDA4450 Datasheet
192Kb / 7P
   VIDEO-IF--AMPLIFIER FOR COLOLR AND MONOCHROME TELEVISION RECEIVERS
logo
TEMIC Semiconductors
TDA4452 TEMIC-TDA4452 Datasheet
181Kb / 11P
   Video IF Amplifier for Multistandard TV Receiver and VTR Appliances
logo
List of Unclassifed Man...
TDA4452 ETC1-TDA4452 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
TEMIC Semiconductors
TDA4453 TEMIC-TDA4453 Datasheet
101Kb / 7P
   Video IF Amplifier for Multistandard TV Receiver and VTR Appliances
logo
List of Unclassifed Man...
TDA4453BG ETC1-TDA4453BG Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Podobny opis - TDA4455

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com