Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9885 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA9885
Szczegółowy opis  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA9885 Datasheet HTML 4Page - NXP Semiconductors TDA9885 Datasheet HTML 5Page - NXP Semiconductors TDA9885 Datasheet HTML 6Page - NXP Semiconductors TDA9885 Datasheet HTML 7Page - NXP Semiconductors TDA9885 Datasheet HTML 8Page - NXP Semiconductors TDA9885 Datasheet HTML 9Page - NXP Semiconductors TDA9885 Datasheet HTML 10Page - NXP Semiconductors TDA9885 Datasheet HTML 11Page - NXP Semiconductors TDA9885 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
2003 Oct 02
8
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
7
PINNING
SYMBOL
PIN
DESCRIPTION
TDA9885T
TDA9885TS
TDA9886T
TDA9886TS
TDA9885HN TDA9886HN
VIF1
1
1
30
30
VIF differential input 1
VIF2
2
2
31
31
VIF differential input 2
n.c.
−−
32
32
not connected
OP1
3
3
1
1
output port 1; open-collector
FMPLL
4
4
2
2
FM-PLL for loop filter
DEEM
5
5
3
3
de-emphasis output for capacitor
AFD
6
6
4
4
AF decoupling input for capacitor
DGND
7
7
5
5
digital ground
n.c.
−−
6
6
not connected
AUD
8
8
7
7
audio output
TOP
9
9
8
8
tuner AGC TakeOver Point (TOP) for resistor
adjustment
SDA
10
10
9
9
I2C-bus data input and output
SCL
11
11
10
10
I2C-bus clock input
SIOMAD
12
12
11
11
sound intercarrier output and MAD select with
resistor
n.c.
−−
12
12
not connected
n.c.
13
13
13
13
not connected
n.c.
−−
14
14
not connected
TAGC
14
14
15
15
tuner AGC output
REF
15
15
16
16
4 MHz crystal or reference signal input
VAGC
16
17
VIF-AGC for capacitor
n.c.
16
17
not connected
CVBS
17
17
18
18
composite video output
n.c.
−−
19
19
not connected
AGND
18
18
20
20
analog ground
VPLL
19
19
21
21
VIF-PLL for loop filter
VP
20
20
22
22
supply voltage
AFC
21
21
23
23
AFC output
OP2
22
22
24
24
output port 2; open-collector
n.c.
−−
25
25
not connected
SIF1
23
23
26
26
SIF differential input 1 and MAD select with
resistor
SIF2
24
24
27
27
SIF differential input 2 and MAD select with
resistor
n.c.
−−
28
28
not connected
n.c.
−−
29
29
not connected


Podobny numer części - TDA9885

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9885 NXP-TDA9885 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885HN/V3 NXP-TDA9885HN/V3 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885HN/V5 NXP-TDA9885HN/V5 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885T/V3 NXP-TDA9885T/V3 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885T/V5 NXP-TDA9885T/V5 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
More results

Podobny opis - TDA9885

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9886 NXP-TDA9886 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com