Zakładka z wyszukiwarką danych komponentów |
|
TL432ACDBZR Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
TL432ACDBZR Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 40 page TL431, TL431A, TL431B, TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543A – AUGUST 2004 − REVISED AUGUST 2004 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise noted) PARAMETER TEST TEST CONDITIONS TL431I, TL432I UNIT PARAMETER TEST CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Vref Reference voltage 2 VKA = Vref, IKA = 10 mA 2440 2495 2550 mV VI(dev) Deviation of reference voltage over full temperature range 2 VKA = Vref, IKA = 10 mA, SOT23-3 and TL432 devices 14 34 mV VI(dev) over full temperature range (see Figure 1) 2 IKA = 10 mA, TA = −40°C to 85°C All other devices 5 50 mV DV ref Ratio of change in reference voltage 3 IKA = 10 mA ∆VKA = 10 V − Vref −1.4 −2.7 mV DV ref DV KA Ratio of change in reference voltage to the change in cathode voltage 3 IKA = 10 mA ∆VKA = 36 V − 10 V −1 −2 mV V Iref Reference current 3 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞ 2 4 µA II(dev) Deviation of reference current over full temperature range (see Figure 1) 3 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞, TA = −40°C to 85°C 0.8 2.5 µA Imin Minimum cathode current for regulation 2 VKA = Vref 0.4 1 mA Ioff Off-state cathode current 4 VKA = 36 V, Vref = 0 0.1 1 µA |zKA| Dynamic impedance (see Figure 1) 2 IKA = 1 mA to 100 mA, VKA = Vref, f ≤ 1 kHz 0.2 0.5 Ω electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise noted) PARAMETER TEST TEST CONDITIONS TL431Q, TL432Q UNIT PARAMETER TEST CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Vref Reference voltage 2 VKA = Vref, IKA = 10 mA 2440 2495 2550 mV VI(dev) Deviation of reference voltage over full temperature range (see Figure 1) 2 VKA = Vref, IKA = 10 mA, TA = −40°C to 125°C 14 34 mV DV ref Ratio of change in reference voltage 3 IKA = 10 mA ∆VKA = 10 V − Vref −1.4 −2.7 mV DV ref DV KA Ratio of change in reference voltage to the change in cathode voltage 3 IKA = 10 mA ∆VKA = 36 V − 10 V −1 −2 mV V Iref Reference current 3 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞ 2 4 µA II(dev) Deviation of reference current over full temperature range (see Figure 1) 3 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞, TA = −40°C to 125°C 0.8 2.5 µA Imin Minimum cathode current for regulation 2 VKA = Vref 0.4 1 mA Ioff Off-state cathode current 4 VKA = 36 V, Vref = 0 0.1 1 µA |zKA| Dynamic impedance (see Figure 1) 2 IKA = 1 mA to 100 mA, VKA = Vref, f ≤ 1 kHz 0.2 0.5 Ω |
Podobny numer części - TL432ACDBZR |
|
Podobny opis - TL432ACDBZR |