Zakładka z wyszukiwarką danych komponentów |
|
V-15-1C25-T Arkusz danych(PDF) 8 Page - Omron Electronics LLC |
|
V-15-1C25-T Arkusz danych(HTML) 8 Page - Omron Electronics LLC |
8 / 16 page 8 V Miniature Basic Switch V Simulated roller lever Solder terminals (A) SPDT 2.45N V-154-1A6 --- V-154-1A6-T --- SPST-NC V-154-2A6 --- --- --- SPST-NO V-154-3A6 --- --- --- SPDT 1.23N V-154-1A5 V-104-1A5 V-154-1A5-T V-104-1A5-T SPST-NC V-154-2A5 V-104-2A5 --- --- SPST-NO V-154-3A5 V-104-3A5 --- --- SPDT 0.59N --- V-104-1A4 --- V-104-1A4-T SPST-NC --- V-104-2A4 --- --- SPST-NO --- V-104-3A4 --- --- Quick-connect terminals (#187) (C2) SPDT 2.45N V-154-1C26 --- V-154-1C26-T --- SPST-NC V-154-2C26 --- --- --- SPST-NO V-154-3C26 --- --- --- SPDT 1.23N V-154-1C25 V-104-1C25 V-154-1C25-T V-104-1C25-T SPST-NC V-154-2C25 V-104-2C25 --- --- SPST-NO V-154-3C25 V-104-3C25 --- --- SPDT 0.59N --- V-104-1C24 --- V-104-1C24-T SPST-NC --- V-104-2C24 --- --- SPST-NO --- V-104-3C24 --- --- Quick-connect terminals (#250) (C) SPDT 2.45N V-154-1C6 --- V-154-1C6-T --- SPST-NC V-154-2C6 --- --- --- SPST-NO V-154-3C6 --- --- --- SPDT 1.23N V-154-1C5 V-104-1C5 V-154-1C5-T V-104-1C5-T SPST-NC V-154-2C5 V-104-2C5 --- --- SPST-NO V-154-3C5 V-104-3C5 --- --- SPDT 0.59N --- V-104-1C4 --- V-104-1C4-T SPST-NC --- V-104-2C4 --- --- SPST-NO --- V-104-3C4 --- --- Short hinge roller lever Solder terminals (A) SPDT 4.71N V-155-1A6 --- V-155-1A6-T --- SPST-NC V-155-2A6 --- --- --- SPST-NO V-155-3A6 --- --- --- SPDT 2.35N V-155-1A5 V-105-1A5 V-155-1A5-T V-105-1A5-T SPST-NC V-155-2A5 V-105-2A5 --- --- SPST-NO V-155-3A5 V-105-3A5 --- --- SPDT 1.18N --- V-105-1A4 --- V-105-1A4-T SPST-NC --- V-105-2A4 --- --- SPST-NO --- V-105-3A4 --- --- Quick-connect terminals (#187) (C2) SPDT 4.71N V-155-1C26 --- V-155-1C26-T --- SPST-NC V-155-2C26 --- --- --- SPST-NO V-155-3C26 --- --- --- SPDT 2.35N V-155-1C25 V-105-1C25 V-155-1C25-T V-105-1C25-T SPST-NC V-155-2C25 V-105-2C25 --- --- SPST-NO V-155-3C25 V-105-3C25 --- --- SPDT 1.18N --- V-105-1C24 --- V-105-1C24-T SPST-NC --- V-105-2C24 --- --- SPST-NO --- V-105-3C24 --- --- Quick-connect terminals (#250) (C) SPDT 4.71N V-155-1C6 --- V-155-1C6-T --- SPST-NC V-155-2C6 --- --- --- SPST-NO V-155-3C6 --- --- --- SPDT 2.35N V-155-1C5 V-105-1C5 V-155-1C5-T V-105-1C5-T SPST-NC V-155-2C5 V-105-2C5 --- --- SPST-NO V-155-3C5 V-105-3C5 --- --- SPDT 1.18N --- V-105-1C4 --- V-105-1C4-T SPST-NC --- V-105-2C4 --- --- SPST-NO --- V-105-3C4 --- --- Ratings 15A 10A Heat-resistive Actuator Terminals Contact form Maximum operating force (OF) 15A 10A Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal Connectors (sold separately). |
Podobny numer części - V-15-1C25-T |
|
Podobny opis - V-15-1C25-T |