Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V-106-1C25-T Arkusz danych(PDF) 8 Page - Omron Electronics LLC

Numer części V-106-1C25-T
Szczegółowy opis  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-106-1C25-T Arkusz danych(HTML) 8 Page - Omron Electronics LLC

Back Button V-106-1C25-T Datasheet HTML 4Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 5Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 6Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 7Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 8Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 9Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 10Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 11Page - Omron Electronics LLC V-106-1C25-T Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
V
Miniature Basic Switch
V
Simulated roller
lever
Solder terminals
(A)
SPDT
2.45N
V-154-1A6
---
V-154-1A6-T
---
SPST-NC
V-154-2A6
---
---
---
SPST-NO
V-154-3A6
---
---
---
SPDT
1.23N
V-154-1A5
V-104-1A5
V-154-1A5-T
V-104-1A5-T
SPST-NC
V-154-2A5
V-104-2A5
---
---
SPST-NO
V-154-3A5
V-104-3A5
---
---
SPDT
0.59N
---
V-104-1A4
---
V-104-1A4-T
SPST-NC
---
V-104-2A4
---
---
SPST-NO
---
V-104-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
V-154-1C26
---
V-154-1C26-T
---
SPST-NC
V-154-2C26
---
---
---
SPST-NO
V-154-3C26
---
---
---
SPDT
1.23N
V-154-1C25
V-104-1C25
V-154-1C25-T
V-104-1C25-T
SPST-NC
V-154-2C25
V-104-2C25
---
---
SPST-NO
V-154-3C25
V-104-3C25
---
---
SPDT
0.59N
---
V-104-1C24
---
V-104-1C24-T
SPST-NC
---
V-104-2C24
---
---
SPST-NO
---
V-104-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-154-1C6
---
V-154-1C6-T
---
SPST-NC
V-154-2C6
---
---
---
SPST-NO
V-154-3C6
---
---
---
SPDT
1.23N
V-154-1C5
V-104-1C5
V-154-1C5-T
V-104-1C5-T
SPST-NC
V-154-2C5
V-104-2C5
---
---
SPST-NO
V-154-3C5
V-104-3C5
---
---
SPDT
0.59N
---
V-104-1C4
---
V-104-1C4-T
SPST-NC
---
V-104-2C4
---
---
SPST-NO
---
V-104-3C4
---
---
Short hinge roller
lever
Solder terminals
(A)
SPDT
4.71N
V-155-1A6
---
V-155-1A6-T
---
SPST-NC
V-155-2A6
---
---
---
SPST-NO
V-155-3A6
---
---
---
SPDT
2.35N
V-155-1A5
V-105-1A5
V-155-1A5-T
V-105-1A5-T
SPST-NC
V-155-2A5
V-105-2A5
---
---
SPST-NO
V-155-3A5
V-105-3A5
---
---
SPDT
1.18N
---
V-105-1A4
---
V-105-1A4-T
SPST-NC
---
V-105-2A4
---
---
SPST-NO
---
V-105-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
4.71N
V-155-1C26
---
V-155-1C26-T
---
SPST-NC
V-155-2C26
---
---
---
SPST-NO
V-155-3C26
---
---
---
SPDT
2.35N
V-155-1C25
V-105-1C25
V-155-1C25-T
V-105-1C25-T
SPST-NC
V-155-2C25
V-105-2C25
---
---
SPST-NO
V-155-3C25
V-105-3C25
---
---
SPDT
1.18N
---
V-105-1C24
---
V-105-1C24-T
SPST-NC
---
V-105-2C24
---
---
SPST-NO
---
V-105-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
4.71N
V-155-1C6
---
V-155-1C6-T
---
SPST-NC
V-155-2C6
---
---
---
SPST-NO
V-155-3C6
---
---
---
SPDT
2.35N
V-155-1C5
V-105-1C5
V-155-1C5-T
V-105-1C5-T
SPST-NC
V-155-2C5
V-105-2C5
---
---
SPST-NO
V-155-3C5
V-105-3C5
---
---
SPDT
1.18N
---
V-105-1C4
---
V-105-1C4-T
SPST-NC
---
V-105-2C4
---
---
SPST-NO
---
V-105-3C4
---
---
Ratings
15A
10A
Heat-resistive
Actuator
Terminals
Contact form
Maximum operating force (OF)
15A
10A
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Podobny numer części - V-106-1C25-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-106-1A4-T OMRON-V-106-1A4-T Datasheet
1Mb / 16P
   Snap Action Switch
More results

Podobny opis - V-106-1C25-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com