Zakładka z wyszukiwarką danych komponentów |
|
CAT24C21JITE13 Arkusz danych(PDF) 4 Page - Catalyst Semiconductor |
|
CAT24C21JITE13 Arkusz danych(HTML) 4 Page - Catalyst Semiconductor |
4 / 12 page CAT24C21 4 Doc. No. 1032, Rev. O PIN DESCRIPTION The SCL serial clock input pin is used to clock all data transfers into or out of the device when in the bi-directional mode. The SDA bi-directional serial data/address pin is used to transfer data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. FUNCTIONAL DESCRIPTION The CAT24C21 has two modes of operation: the transmit- only mode and the bi-directional mode. There is a separate 2-wire protocol to support each mode, each having a separate clock input (VCLK and SCL respectively) and both modes sharing a common bi- directional data line (SDA). The CAT24C21 enters the transmit-only mode upon power up and begins outputting data on the SDA pin with each clock signal on the VCLK pin. The device will remain in the transmit-only mode until there is a valid HIGH to LOW transition on the SCL pin, when it will switch to the bi-directional mode (Figure 1). Once in the bi-directinal mode, the only way to return to the transmit-only mode is by powering down the device. The VCLK serial clock input pin is used to clock data out of the device when in transmit-only mode. When held low, in bi-directional mode, it will inhibit write operations. TRANSMIT-ONLY MODE: (DDC1) Upon power-up, the CAT24C21 will output valid data only after it has been initialized. During initialization, data will not be available until after the first nine clocks are sent to the device (Figure 2). The starting address for the transmit-only mode can be determined during initialization. If the SDA pin is high during the first eight clocks, the starting address will be 7FH. If the SDA pin is low during the first eight clocks, the starting address will be 00H. During the ninth clock, SDA will be in the high impedance state. Data is transmitted in 8 bit words with the most significant bit first, followed by a 9th 'don't care' bit which will be in the high impedance state (Figure 3). The CAT24C21 will continuously sequence through the entire memory array as long as VCLK is present and no falling edges on SCL are detected. When the maximum address (7FH) is reached, addressing will wrap around to the zero location (00H) and transmitting will continue. The bi-directional mode clock (SCL) pin must be held high for the device to remain in the transmit-only mode. Figure 1. Mode Transition SCL SDA VCLK Transmit-Only Mode Bi-Directional Mode TVHZ SCL SDA VCLK SDA at high impedance for 9 clock cycles Bit8 Bit7 Bit6 Bit5 Bit4 TVPU TVAA 123 4 5 6 7 8 9 10 11 12 13 14 15 Figure 2. Device Initialization for Transmit-only Mode |
Podobny numer części - CAT24C21JITE13 |
|
Podobny opis - CAT24C21JITE13 |