Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST-0402S Arkusz danych(PDF) 5 Page - Soberton Inc.

Numer części ST-0402S
Szczegółowy opis  Magnetic Buzzer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOBERTON [Soberton Inc.]
Strona internetowa  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-0402S Arkusz danych(HTML) 5 Page - Soberton Inc.

  ST-0402S Datasheet HTML 1Page - Soberton Inc. ST-0402S Datasheet HTML 2Page - Soberton Inc. ST-0402S Datasheet HTML 3Page - Soberton Inc. ST-0402S Datasheet HTML 4Page - Soberton Inc. ST-0402S Datasheet HTML 5Page - Soberton Inc. ST-0402S Datasheet HTML 6Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL NUMBER
CUSTOMER
NUMBER
PRODUCT TYPE
REVERSION
DATE
PAGE
ST-0402S
Magnetic Buzzer
A
2015-06-04
4/5
H. RELIABILITY TEST
NO.
ITEM
TEST CONDITION AND REQUIREMENT
1
High Temperature
Test (Storage)
After being placed in a chamber with 80ï2ºC for 96 hours and then
being placed in normal condition for 2 hours.
Allowable variation of SPL after test: ï10dB.
2
Low Temperature
Test (Storage)
After being Placed in a chamber with -30ï2ºC for 96 hours and then
being placed in normal condition for 2 hours.
Allowable variation of SPL after test: ï10dB.
3
Humidity Test
After being Placed in a chamber with 90-95% R.H. at 40ï2ºC for 96
hours and then being placed in normal condition for 2 hours.
Allowable variation of SPL after test: ï10dB.
4
Temperature Cycle
Test
The part shall be subjected to 5 cycles. One cycle shall be consist of:
Allowable variation of SPL after test: ï10dB.
5
Drop Test
Drop on a hard wood board of 4cm thick, any directions ,6 times,
at the height of 75cm .
Allowable variation of SPL after test: ï10dB.
6
Vibration Test
After being applied vibration of amplitude of 1.5mm with 10 to 55 Hz
band of vibration frequency to each of 3 perpendicular directions for
2 hours .
Allowable variation of SPL after test: ï10dB.
7
Solderability
Test
Lead terminals are immersed in rosin for 5 seconds and then
immersed in solder bath of +300ï5ºC for 3ï1 seconds .
90% min. lead terminals shall be wet with solder
(Except the edge of terminals).
8
Terminal Strength
Pulling Test
The force of 9.8N(1.0kg) is applied to each terminal in axial direction for
10 seconds.
No visible damage and cutting off.
TEST CONDITION.
Standard Test Condition
:a) Temperature : +5 ~ +35℃ b) Humidity : 45-85%
c)
Pressure
:
860-1060mbar
Judgment Test Condition
:a) Temperature : +25 ± 2℃
b) Humidity : 60-70%
c) Pressure : 860-1060mbar
-
20ºC
+70ºC
+25ºC
+25ºC


Podobny numer części - ST-0402S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Soberton Inc.
ST-0402S SOBERTON-ST-0402S Datasheet
751Kb / 5P
   Magnetic Buzzer
ST-0402S SOBERTON-ST-0402S_17 Datasheet
751Kb / 5P
   Magnetic Buzzer
More results

Podobny opis - ST-0402S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Soberton Inc.
ST-0402T SOBERTON-ST-0402T Datasheet
1Mb / 6P
   Magnetic Buzzer
logo
CUI INC
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
   magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
   magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
   magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
   magnetic buzzer
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
   magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
   Magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
   magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
   magnetic buzzer
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
   MAGNETIC BUZZER
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
   MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com