Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24C21RD4ETE13 Arkusz danych(PDF) 4 Page - Catalyst Semiconductor

Numer części CAT24C21RD4ETE13
Szczegółowy opis  1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C21RD4ETE13 Arkusz danych(HTML) 4 Page - Catalyst Semiconductor

  CAT24C21RD4ETE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C21RD4ETE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT24C21
4
Doc. No. 1032, Rev. O
PIN DESCRIPTION
The SCL serial clock input pin is used to clock all data
transfers into or out of the device when in the
bi-directional mode.
The SDA bi-directional serial data/address pin is used to
transfer data into and out of the device. The SDA pin is
an open drain output and can be wire-ORed with other
open drain or open collector outputs.
FUNCTIONAL DESCRIPTION
The CAT24C21 has two modes of operation: the transmit-
only mode and the bi-directional mode. There is a
separate 2-wire protocol to support each mode, each
having a separate clock input (VCLK and SCL
respectively) and both modes sharing a common bi-
directional data line (SDA). The CAT24C21 enters the
transmit-only mode upon power up and begins outputting
data on the SDA pin with each clock signal on the VCLK
pin. The device will remain in the transmit-only mode
until there is a valid HIGH to LOW transition on the SCL
pin, when it will switch to the bi-directional mode (Figure
1). Once in the bi-directinal mode, the only way to return
to the transmit-only mode is by powering down the
device.
The VCLK serial clock input pin is used to clock data out
of the device when in transmit-only mode. When held
low, in bi-directional mode, it will inhibit write operations.
TRANSMIT-ONLY MODE: (DDC1)
Upon power-up, the CAT24C21 will output valid data
only after it has been initialized. During initialization,
data will not be available until after the first nine clocks
are sent to the device (Figure 2). The starting address for
the transmit-only mode can be determined during
initialization. If the SDA pin is high during the first eight
clocks, the starting address will be 7FH. If the SDA pin
is low during the first eight clocks, the starting address
will be 00H. During the ninth clock, SDA will be in the high
impedance state.
Data is transmitted in 8 bit words with the most significant
bit first, followed by a 9th 'don't care' bit which will be in
the high impedance state (Figure 3). The CAT24C21 will
continuously sequence through the entire memory array
as long as VCLK is present and no falling edges on SCL
are detected. When the maximum address (7FH) is
reached, addressing will wrap around to the zero location
(00H) and transmitting will continue. The bi-directional
mode clock (SCL) pin must be held high for the device
to remain in the transmit-only mode.
Figure 1. Mode Transition
SCL
SDA
VCLK
Transmit-Only Mode
Bi-Directional Mode
TVHZ
SCL
SDA
VCLK
SDA at high impedance for 9 clock cycles
Bit8
Bit7
Bit6
Bit5
Bit4
TVPU
TVAA
123
4
5
6
7
8
9
10
11
12
13
14
15
Figure 2. Device Initialization for Transmit-only Mode


Podobny numer części - CAT24C21RD4ETE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21 ONSEMI-CAT24C21 Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21LE ONSEMI-CAT24C21LE Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21LE-GT3 ONSEMI-CAT24C21LE-GT3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21LE-T3 ONSEMI-CAT24C21LE-T3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
More results

Podobny opis - CAT24C21RD4ETE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com