Zakładka z wyszukiwarką danych komponentów |
|
STK12C68-K25M Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers |
|
STK12C68-K25M Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 13 page STK12C68 October 2003 5 Document Control # ML0008 rev 0.4 HARDWARE MODE SELECTION Note m: HSB STORE operation occurs only if an SRAM WRITE has been done since the last nonvolatile cycle. After the STORE (if any) completes, the part will go into standby mode, inhibiting all operations until HSB rises. Note n: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle. Note o: I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G. HARDWARE STORE CYCLE (VCC = 5.0V ± 10%)e Note p: E and G low for output behavior. Note q: E and G low and W high for output behavior. Note r: tRECOVER is only applicable after tSTORE is complete. HARDWARE STORE CYCLE E W HSB A12 - A0 (hex) MODE I/O POWER NOTES H X H X Not Selected Output High Z Standby L H H X Read SRAM Output Data Active o L L H X Write SRAM Input Data Active X X L X Nonvolatile STORE Output High Z lCC 2 m LH H 0000 1555 0AAA 1FFF 10F0 0F0F Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile STORE Output Data Output Data Output Data Output Data Output Data Output High Z Active lCC 2 n, o LH H 0000 1555 0AAA 1FFF 10F0 0F0E Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile RECALL Output Data Output Data Output Data Output Data Output Data Output High Z Active n, o NO. SYMBOLS PARAMETER STK12C68 UNITS NOTES Standard Alternate MIN MAX 22 tSTORE tHLHZ STORE Cycle Duration 10 ms i, p 23 tDELAY tHLQZ Time Allowed to Complete SRAM Cycle 1 µsi, q 24 tRECOVER tHHQX Hardware STORE High to Inhibit Off 700 ns p, r 25 tHLHX Hardware STORE Pulse Width 15 ns 26 tHLBL Hardware STORE Low to Store Busy 300 ns DATA VALID HSB (IN) DATA VALID 25 tHLHX 23 tDELAY 22 tSTORE 24 tRECOVER HSB (OUT) HIGH IMPEDANCE 26 tHLBL HIGH IMPEDANCE DQ (DATA OUT) |
Podobny numer części - STK12C68-K25M |
|
Podobny opis - STK12C68-K25M |