Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1302-001 Arkusz danych(PDF) 4 Page - Skyworks Solutions Inc.

Numer części SMP1302-001
Szczegółowy opis  Switch and Attenuator Plastic Packaged PIN Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1302-001 Arkusz danych(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1302-001 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DATA SHEET • SMP1302 SERIES PIN DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200043X
Table 5. Resistance vs Temperature @ 100 MHz
IF
(mA)
RS @ –55
°C
(
Ω)
RS @ –15
°C
(
Ω)
RS @ +25
°C
(
Ω)
RS @ +65
°C
(
Ω)
RS @ +100
°C
(
Ω)
0.02
599
653
692
715
722
0.10
123
135
143
154
161
0.3
42.2
46.6
49.7
54.3
56.8
1.0
13.5
15.0
16.2
17.9
18.8
10
2.0
2.3
2.6
2.9
3.0
20
1.34
1.50
1.70
2.00
2.00
100
0.60
0.74
1.00
1.10
1.10
Typical Performance Characteristics
(TA = +25
C, Unless Otherwise Noted)
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
1000
Figure 1. Series Resistance vs Current @ 100 MHz
0
1
2
5
10
20
100
50
0
0.2
0.4
0.6
0.1
0.3
0.5
0.7
0.8
Reverse Voltage (V)
100 MHz
1 MHz
1 GHz
Figure 3. Capacitance vs Reverse Voltage
400
500
600
700
800
900
1000
0.01
0.1
1
10
100
Forward Voltage (mV)
Figure 2. DC Characteristic
0
500
1000
1500
2000
Frequency (MHz)
0
50
100
150
200
250
300
0 V
10 V
40 V
Figure 4. Conductance vs Frequency and Reverse Voltage


Podobny numer części - SMP1302-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
SMP1302-001 ALPHA-SMP1302-001 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results

Podobny opis - SMP1302-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302-074LF SKYWORKS-SMP1302-074LF Datasheet
1Mb / 14P
   SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
SMPA1302-079LF SKYWORKS-SMPA1302-079LF Datasheet
561Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diode
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com