Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1302-001 Arkusz danych(PDF) 7 Page - Skyworks Solutions Inc.

Numer części SMP1302-001
Szczegółowy opis  Switch and Attenuator Plastic Packaged PIN Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1302-001 Arkusz danych(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SMP1302-001 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 9Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 10Page - Skyworks Solutions Inc. SMP1302-001 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA SHEET • SMP1302 SERIES PIN DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200043X • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
7
0.079 (2.00 mm)
± 0.008 (0.20 mm)
0.049 (1.25 mm)
± 0.004 (0.10 mm)
0.008 (0.20 mm)
± 0.004 (0.10 mm)
0.083 (2.10 mm)
± 0.012 (0.30 mm)
0.035 (0.90 mm)
± 0.004 (0.10 mm)
0.002 (0.005 mm)
± 0.002 (0.005 mm) 0.037 (0.95 mm)
± 0.006 (0.15 mm)
0.010 (0.25 mm)
± 0.006 (0.15 mm)
0.0055
(0.14 mm)
± 0.0015
(0.04 mm)
0.0256 (0.65 mm)
BSC
0.009 (0.23 mm)
Ref
S1670a
Dimensions are in inches (millimeters shown in parentheses)
Figure 9. SC-88 Package Dimension Drawing
Notes:
1. Carrier tape: black conductive polystyrene.
2. Cover tape material: transparent conductive HSA.
3. Cover tape size: 5.40 mm width.
4. Ten sprocket hole pitch cumulative tolerance ±0.20 mm.
5. All measurements are in millimeters.
6. Standard reel size is 7 inches. Standard reel quantity is 3000 pcs.
2.25 ± 0.10 (Ao)
0.30 ± 0.05
4.00 (Note 4)
4.00 ± 0.10
Pin #1
2.00 ± 0.05
1.75 ± 0.10
A
B
1.20 ± 0.10 (Ko)
A
B
B
A
∅1.50+ 0.10/–0.00
∅1.00 Min.
R0.30 Typ.
S1620
Figure 10. SC-88 Tape and Reel Dimensions


Podobny numer części - SMP1302-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
SMP1302-001 ALPHA-SMP1302-001 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results

Podobny opis - SMP1302-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302-074LF SKYWORKS-SMP1302-074LF Datasheet
1Mb / 14P
   SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
SMPA1302-079LF SKYWORKS-SMPA1302-079LF Datasheet
561Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diode
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com