Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1304-027LF Arkusz danych(PDF) 3 Page - Skyworks Solutions Inc.

Numer części SMP1304-027LF
Szczegółowy opis  Low-Distortion Attenuator Plastic Packaged PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1304-027LF Arkusz danych(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1304-027LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1304-027LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1304-027LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1304-027LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1304-027LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1304-027LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1304-027LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1304-027LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATA SHEET • SMP1304 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200044P • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
3
Table 2. SMP1304 Series Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
200
V
Power dissipation @ 25
°C lead temperature
PD
250
mW
Storage temperature
TSTG
–65
+150
C
Operating temperature
TA
–65
+150
C
Electrstatic discharge:
Human Body Model (HBM), Class 1C
ESD
1000
V
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMP1304 Series Electrical Specifications (Note 1)
(TA = +25 C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Typical
Max
Units
Reverse current
IR
VR = 200 V
10
μA
Capacitance (Note 2)
CT
f = 1 MHz, V = 30 V
0.3
pF
Resistance
RS
f = 100 MHz
I = 1 mA
I = 10 mA
I = 100 mA
40
50
7
2
Ω
Ω
Ω
Forward voltage
VF
IF = 10 mA
0.8
V
Carrier lifetime
Tl
IF = 10 mA
1
μs
I region width
100
μm
Note 1: Performance is guaranteed only under the conditions listed in this table.
Note 2: The SMP1304-027 maximum capacitance is 0.45 pF.
Table 4. Resistance vs Temperature @ 100 MHz
IF
(mA)
RS @ –55
°C
(
Ω)
RS @ –15
°C
(
Ω)
RS @ +25
°C
(
Ω)
RS @ +65
°C
(
Ω)
RS @ +100
°C
(
Ω)
0.02
1590
1660
1752
`1770
1760
0.10
315
340
367
396
409
0.30
108
118
128
141
147
1.0
34.5
37.9
41.6
46.3
48.8
10
4.8
5.3
5.8
6.6
7.0
20
3.0
3.3
3.6
4.1
4.3
100
1.3
1.4
1.5
1.7
1.8


Podobny numer części - SMP1304-027LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Industries
SMP1304-027 ALPHA-SMP1304-027 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
More results

Podobny opis - SMP1304-027LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com