Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1307-099 Arkusz danych(PDF) 1 Page - Skyworks Solutions Inc.

Numer części SMP1307-099
Szczegółowy opis  PIN Diode Chips Supplied on Film Frame
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1307-099 Arkusz danych(HTML) 1 Page - Skyworks Solutions Inc.

  SMP1307-099 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1307-099 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200140L • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 5, 2016
1
DATA SHEET
PIN Diode Chips Supplied on Film Frame
Applications
 Switches
 Attenuators
Features
 Preferred device for module applications
 PIN diodes supplied are 100% tested, saw cut, and mounted on
film frame
 Low cost
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The PIN diodes that comprise this family of diodes supplied on
film frames are designed for high-volume applications from
10 MHz to over 3 GHz. This family contains two groups of PIN
diodes:
1. Low-capacitance, low-resistance PIN diodes designed primarily
for RF switching applications:
SMP1320-099
SMP1321-099
SMP1322-099
SMP1331-099
SMP1340-099
2. PIN diodes with thick I-layers designed for low-distortion RF
variable attenuator applications:
SMP1353-099
SMP1302-099
SMP1304-099
SMP1307-099
These PIN diodes are provided as 100 percent tested, diced
wafers mounted on film frames for optimal compatibility with
high-volume pick-and-place assembly techniques.
Absolute maximum ratings are provided in Table 1. Electrical
specifications are provided in Table 2. Chip dimensions are shown
in Table 3. Typical performance characteristics are illustrated in
Figures 1 through 4. Figure 5 describes the wafer film frame.


Podobny numer części - SMP1307-099

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1307-001 SKYWORKS-SMP1307-001 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-001LF SKYWORKS-SMP1307-001LF Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004 SKYWORKS-SMP1307-004 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004LF SKYWORKS-SMP1307-004LF Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004LF SKYWORKS-SMP1307-004LF Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results

Podobny opis - SMP1307-099

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1320-099 SKYWORKS-SMP1320-099 Datasheet
243Kb / 5P
   PIN Diode Chips Supplied on Film Frame
SMS3926-099 SKYWORKS-SMS3926-099 Datasheet
259Kb / 5P
   Schottky Diode Quad Mixer Chips Supplied on Film Frame
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Tyco Electronics
MA4BPS101 MACOM-MA4BPS101 Datasheet
83Kb / 4P
   PIN Diode Chips with Offset Bond Pads
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com