Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1321-040LF Arkusz danych(PDF) 1 Page - Skyworks Solutions Inc.

Numer części SMP1321-040LF
Szczegółowy opis  Low Capacitance, Plastic Packaged PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1321-040LF Arkusz danych(HTML) 1 Page - Skyworks Solutions Inc.

  SMP1321-040LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1321-040LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1321-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1321-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1321-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1321-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1321-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1321-040LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200048U • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
1
DATA SHEET
SMP1321 Series: Low Capacitance, Plastic Packaged PIN
Diodes
Applications
 High-performance wireless switches
Features
 Capacitance: 0.18 pF typical @ 30 V
 Series resistance: 1.05 Ω typical @ 10 mA
 Packages rated MSL1, 260 C per JEDEC J-STD-020
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMP1321 series of plastic packaged, surface mountable PIN
diodes is designed for use in high volume switch applications
from 10 MHz to more than 10 GHz. The low capacitance of these
diodes (0.25 pF), combined with a low resistance (2.0
Ω
maximum at 10 mA), makes the SMP1321 series particularly
suited to high isolation, series-connected PIN diode switches in
battery operated circuits.
The SMP1321 series is available in a selection of plastic
packages and a variety of configurations that include a small
footprint SC-79, a low inductance SOT-23, and a miniature
SOD-882.
Table 1 describes the various packages and marking of the
SMP1321 series.


Podobny numer części - SMP1321-040LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1321-001 SKYWORKS-SMP1321-001 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
SMP1321-003 SKYWORKS-SMP1321-003 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
SMP1321-003LF SKYWORKS-SMP1321-003LF Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
SMP1321-004 SKYWORKS-SMP1321-004 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
SMP1321-004LF SKYWORKS-SMP1321-004LF Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
More results

Podobny opis - SMP1321-040LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com