Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1324-087LF Arkusz danych(PDF) 2 Page - Skyworks Solutions Inc.

Numer części SMP1324-087LF
Szczegółowy opis  Surface Mount PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1324-087LF Arkusz danych(HTML) 2 Page - Skyworks Solutions Inc.

  SMP1324-087LF_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1324-087LF_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1324-087LF_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1324-087LF_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1324-087LF_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1324-087LF_15 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET • SMP1324-087LF: SURFACE MOUNT PIN DIODE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
June 11, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201288F
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMP1324-087LF are
provided in Table 1. Electrical specifications are provided in
Table 2.
Typical performance characteristics of the SMP1324-087LF are
illustrated in Figures 1, 2, and 3.
Table 1. SMP1324-087LF Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Forward current
IF
200
mA
Dissipated power @ 85
°C
PD
1
W
Operating temperature
TA
–55
+85
C
Storage temperature
TSTG
–55
+200
C
Junction temperature
TJ
–55
+175
C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 2. SMP1324-087LF Electrical Specifications (Note 1)
(TA = +25
C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Forward voltage
VF
IF = 50 mA
0.9
1.2
V
Reverse leakage current
IR
VR = 200 V
10
μA
Series resistance
RS
IF = 50 mA, f = 100 MHz
0.45
Ω
Total capacitance
CT0
CT30
VR = 0 V, f = 100 MHz
VR = 30 V, f = 1 MHz
0.9
0.9
1.5
1.5
pF
pF
Minority carrier lifetime
TL
IF = 10 mA
2
6
μs
Parallel resistance
RP
VR = 0 V, f = 100 MHz
5
6
k
Ω
I region width
W
100
μm
Thermal resistance (Note 2)
ΘJC
98
C/W
Note 1: Performance is guaranteed only under the conditions listed in this table.
Note 2: Assume a thermal resistance of 92
C/W for the junction-to-bottom of circuit board.


Podobny numer części - SMP1324-087LF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1324-087LF SKYWORKS-SMP1324-087LF Datasheet
1Mb / 12P
   High Power PIN Diodes
More results

Podobny opis - SMP1324-087LF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
   SURFACE MOUNT PIN DIODE
MMBV3700 PANJIT-MMBV3700 Datasheet
92Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
   Surface-Mount PIN Diode
August 9, 2013
SMP1371-087LF SKYWORKS-SMP1371-087LF Datasheet
310Kb / 7P
   Surface Mount PIN Diode
May 31, 2013
logo
Pan Jit International I...
1SS356 PANJIT-1SS356_09 Datasheet
74Kb / 3P
   SURFACE MOUNT PIN DIODE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com