Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1325-085LF Arkusz danych(PDF) 3 Page - Skyworks Solutions Inc.

Numer części SMP1325-085LF
Szczegółowy opis  Surface-Mount PIN Diode for High-Power Switch Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1325-085LF Arkusz danych(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1325-085LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1325-085LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1325-085LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1325-085LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1325-085LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1325-085LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1325-085LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • SMP1325-085LF: SURFACE-MOUNT PIN DIODE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201648F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • March 13, 2015
3
Typical Performance Characteristics
(TA = 25 °C, Unless Otherwise Noted)
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
Figure 2. Series Resistance vs Current @ 100 MHz
High-Power Switch Design Applications
The SMP1325-085LF PIN diode is designed for shunt applications
such as reflective switches or shunt-diode attenuator circuits.
Compared to other surface-mount packages, the design of the
QFN package produces lower thermal resistance and also reduces
the effects of the parasitic inductance of the anode bond wires.
A cross-sectional view of the SMP1325-085LF PIN diode is shown
in Figure 3. The cathode of the die is soldered directly to the top
of the exposed paddle. This paddle is composed of copper, so its
thermal resistance is very low.
The copper ground paddle minimizes the total thermal resistance
between the I layer, which is the location where most heat is
generated under normal operation, and the surface to which the
package is mounted. Minimal thermal resistance between the I
layer and the external environment minimizes junction
temperature.
The electrically equivalent circuit of the SMP1325-085LF PIN
diode is shown in Figure 4. The inductances of pins 1 and 2, as
well as the inductances of the bond wires are in series with the
input and output transmission lines of the external circuit rather
than the portion of the circuit that contains the shunt PIN diode.
The effects of these parasitic series inductances are negligible,
since they add a very small insertion loss to the shunt PIN but
have no effect on the isolation that the diode produces when it is
forward biased.
A cross section of the suggested printed circuit board design is
shown in Figure 5. The via shown in this view is critical, both for
electrical performance and for thermal performance. It is
recommended that several vias should be placed under the entire
footprint of the exposed paddle (pin 2) to minimize both electrical
inductance to the system ground and thermal resistance to the
system heat sink.


Podobny numer części - SMP1325-085LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1325-087LF SKYWORKS-SMP1325-087LF Datasheet
315Kb / 6P
   Surface Mount PIN Diode
May 31, 2013
More results

Podobny opis - SMP1325-085LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1304-085LF SKYWORKS-SMP1304-085LF Datasheet
366Kb / 9P
   Surface Mount PIN Diode for High Power Switch Applications
June 13, 2013
SMP1302-085LF SKYWORKS-SMP1302-085LF Datasheet
393Kb / 10P
   SMP1302-085LF Surface Mount PIN Diode for High Power Switch Applications
SMP1321-085LF SKYWORKS-SMP1321-085LF Datasheet
588Kb / 7P
   Surface-Mount PIN Diode for Switch and Attenuator Applications
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3880-TR1G AVAGO-HSMP-3880-TR1G Datasheet
109Kb / 6P
   Surface Mount RF PIN Switch Diode
logo
M/A-COM Technology Solu...
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
558Kb / 8P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170 Datasheet
255Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W Datasheet
257Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
608Kb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W_2 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
MASW-004103-1365 MA-COM-MASW-004103-1365_15 Datasheet
1Mb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com