Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1330 Arkusz danych(PDF) 3 Page - Skyworks Solutions Inc.

Numer części SMP1330
Szczegółowy opis  Plastic Packaged Limiter Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1330 Arkusz danych(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1330_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1330_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1330_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1330_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1330_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1330_15 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SMP1330 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200050M • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 17, 2015
3
Table 3. SMP1330 Series Electrical Specifications (Note 1)
(TA = +25 C Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Series resistance
RS
F = 100 MHz, IF = 10 mA
1.2
1.5
Ω
Capacitance
CT
0 V
F = 1 MHz
F = 1 GHz
0.7
0.7
1.0
pF
pF
Capacitance ratio
CTR
CT @ 0 V/CT @ 6 V
1.22
Conductance
G
0 V, F = 1 GHz
50
μs
Carrier lifetime
TI
IF = 10 mA
4
ns
I region width
2
μm
Breakdown voltage
VB
IR = 10
μA
20
35
50
V
Note 1: Performance is guaranteed only under the conditions listed in this table.
Table 4. Typical 1 GHz Limiter Performance
Parameter
SMP1330-005
Condition
Connection
Parallel
Insertion loss
0.3 dB
Input power = –20 dBm
IP3
+30 dBm
Input power = < 0 dBm
1 dB compression
+10 dBm
Attenuation @ +20 dBm
8.8 dB
Attenuation @ +30 dBm
14 dB
Input Power (dBm)
+25
+20
+15
+10
+5
0
0
+10
+14
+18
+22
+26
+30
Figure 2. Typical 1 GHz Limiter Performance


Podobny numer części - SMP1330_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1330-005 SKYWORKS-SMP1330-005 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330-085-EVB SKYWORKS-SMP1330-085-EVB Datasheet
633Kb / 8P
   Surface-Mount Limiter Diode
June 25, 2020
SMP1330-085LF SKYWORKS-SMP1330-085LF Datasheet
633Kb / 8P
   Surface-Mount Limiter Diode
June 25, 2020
More results

Podobny opis - SMP1330_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
CLA SKYWORKS-CLA Datasheet
177Kb / 12P
   Silicon Limiter Diodes, Packaged and Bondable Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
logo
List of Unclassifed Man...
SMV1299 ETC1-SMV1299 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com