Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1331-085LF Arkusz danych(PDF) 6 Page - Skyworks Solutions Inc.

Numer części SMP1331-085LF
Szczegółowy opis  50 W Surface Mount Shunt Connected PIN Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1331-085LF Arkusz danych(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SMP1331-085LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMP1331-085LF Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DATA SHEET • SMP1331-085LF: 50 W SURFACE MOUNT SHUNT CONNECTED PIN DIODE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
June 19, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203591B
Table 4. Typical RF Performance Characteristics @ 25 °C, f = 2.6 GHz
(TA = +25
C, Characteristic Impedance [ZO] = 50 , EVB Optimized with Bias Circuit, Unless Otherwise Noted)
Parameter
Symbol
Test Conditions
Typical
Units
Insertion loss
IL
VR = −30 V
−0.18
dB
Return loss
RL
VR = −30 V
−18.7
dB
Isolation
ISO
IF = 50 mA
29.8
dB
Max power
PMAX
VR = −30 V
47
dBm
Typical RF Performance Characteristics
(TOP = +25 °C, Characteristic Impedance [ZO] = 50
Ω, EVB Optimized with Bias Circuit, Unless
Otherwise Noted)
–60
–50
–40
–30
–20
–10
0
+10
012345
6
Frequency (GHz)
S11
S21
Figure 8. S-Parameter Magnitude vs Frequency, IF = 50 mA
–60
–50
–40
–30
–20
–10
0
012345
6
Frequency (GHz)
S11
S21
Figure 9. S-Parameter Magnitude vs Frequency, VR = −30 V
–0.4
–0.35
–0.3
–0.25
–0.2
–0.15
–0.1
–0.05
0
15
20
25
30
35
40
45
50
CW Power In (dBm)
VR = –5 V
VR = –10 V
VR = –20 V
VR = –30 V
Figure 10. Insertion Loss vs CW Power In at Different VR, f = 2.6 GHz


Podobny numer części - SMP1331-085LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1331-087LF SKYWORKS-SMP1331-087LF Datasheet
998Kb / 9P
   45 W Surface Mount Series Connected PIN Diode
More results

Podobny opis - SMP1331-085LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1331-087LF SKYWORKS-SMP1331-087LF Datasheet
998Kb / 9P
   45 W Surface Mount Series Connected PIN Diode
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
   SURFACE MOUNT PIN DIODE
MMBV3700 PANJIT-MMBV3700 Datasheet
92Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
   SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
   Surface-Mount PIN Diode
August 9, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com