Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13190 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC13190
Szczegółowy opis  2.4 GHz Short-Range, Low-Power Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13190 Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC13190 Datasheet HTML 1Page - Motorola, Inc MC13190 Datasheet HTML 2Page - Motorola, Inc MC13190 Datasheet HTML 3Page - Motorola, Inc MC13190 Datasheet HTML 4Page - Motorola, Inc MC13190 Datasheet HTML 5Page - Motorola, Inc MC13190 Datasheet HTML 6Page - Motorola, Inc MC13190 Datasheet HTML 7Page - Motorola, Inc MC13190 Datasheet HTML 8Page - Motorola, Inc MC13190 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Specifications
MOTOROLA
MC13190 Advance Information
5
AM Modulator
Current Consumption
Active
Disabled
-
-
16.4
3.0
-
-
mA
µA
AM Modulation Depth Range
50
60
88
%
Output Power
3.0
4.8
6.7
dBm
Occupied Bandwidth (99% Signal Energy) [Note 1]
-
18
24
MHz
Out of Band Spurious at Antenna Port [Note 1]
30 MHz to 2.4 GHz
2.5 to 12.75 GHz
-
-
-65
-60
-50
-45
dBm
Acceptable Duty Cycle for TX_DATA Signal
(Manchester Encoded)
48
-
52
%
NOTES: 1. Guaranteed by design, not tested.
2. Characterization data and design simulations guarantee functional operation from 2.3 to 3.2 V for VCC.
Table 6. Enable Logic Levels
(VCC = 2.75 V, TA = 25°C)
Symbol
Characteristic
Min
Max
VIH
High Level Input Voltage
80% VDD
-
VIL
Low Level Input Voltage
-
20% VDD
IIH
High Level Input Current
-
1.0 µA
IIL
Low Level Input Current
-
1.0 µA
NOTE:
Characterization data and design simulations guarantee functional operation from 2.3 to 3.2 V for VCC.
Table 5. Transmit Section (Continued)
(VCC = 2.75 V, TA = 25°C, RF Transmit Frequency = 2.442 GHz, 60% AM, Bit Rate = 5.0 Mbps Manchester coded,
tested in circuit shown in Figure 3, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC13190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Podobny opis - MC13190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
650201476G AUREL-650201476G Datasheet
118Kb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
   Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com