Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK20C04-45 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części STK20C04-45
Szczegółowy opis  CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK20C04-45 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  STK20C04-45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK20C04-45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK20C04-45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK20C04-45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK20C04-45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK20C04-45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK20C04-45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK20C04-45 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STK20C04
2-43
22
tWLQX
p
tELQXS
tSTORE
STORE Cycle Time
10
ms
23
tWLNH
q
tELNHS
tWC
STORE Initiation Cycle Time
45
ns
24
tGHNL
Output Disable Set-up to NE Fall
0
ns
25
tGHEL
Output Disable Set-up to E Fall
0
ns
26
tNLWL
tNLEL
NE Set-up
0ns
27
tELWL
Chip Enable Set-up
0ns
28
tWLEL
Write Enable Set-up
0
ns
(VCC = 5.0V ± 10%)
STORE CYCLES #1 & #2
NE
G
W
E
DQ (Data Out)
HIGH IMPEDANCE
26
tNLEL
25
tGHEL
28
tWLEL
23
tELNHS
22
tELQXS
STORE CYCLE #2: E CONTROLLEDo
HIGH IMPEDANCE
NE
G
W
E
DQ (Data Out)
24
tGHNL
26
tNLWL
23
tWLNH
27
tELWL
22
tWLQX
STORE CYCLE #1: W CONTROLLEDo
#1
#2
Alt.
SYMBOLS
NO.
PARAMETER
MIN
MAX
UNITS
Note: n: An automatic
RECALL also takes place at power up, starting when VCC exceeds 3.8V, and taking tRECALL from the time at which VCC exceeds 4.5V.
VCC must not drop below 3.8V once it has exceeded it for the RECALL to function properly.
Note o: If E is low for any period of time in which W is high while G and NE are low, then a
RECALL cycle may be initiated.
Note p: Measured with W and NE both returned high, and G returned low. Note that
STORE cycles are inhibited/aborted by VCC < 3.8V (STORE inhibit).
Note q: Once tWC has been satisfied by NE, G, W and E, the STORE cycle is completed automatically. Any of NE, G, W or E may be used to terminate the
STORE initiation cycle.
H
X
X
X
Not Selected
Standby
L
H
L
H
Read RAM
Active
L
L
X
H
Write RAM
Active
L
H
L
L
Nonvolatile
RECALLn
Active
L
L
H
L
Nonvolatile
STORE
ICC
L
L
L
L
No operation
Active
LH
H
X
E
W
G
NE
MODE
POWER
2
MODE SELECTION
NONVOLATILE MEMORY OPERATION


Podobny numer części - STK20C04-45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK20C04-W25 SIMTEK-STK20C04-W25 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W25I SIMTEK-STK20C04-W25I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35 SIMTEK-STK20C04-W35 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35I SIMTEK-STK20C04-W35I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W45 SIMTEK-STK20C04-W45 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Podobny opis - STK20C04-45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com