Zakładka z wyszukiwarką danych komponentów |
|
CSC04A01RJPA Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
CSC04A01RJPA Arkusz danych(HTML) 2 Page - Vishay Siliconix |
2 / 6 page CSC www.vishay.com Vishay Dale Revision: 03-May-13 2 Document Number: 31509 For technical questions, contact: ff2aresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • For additional information on packaging, refer to the Through-Hole Network Packaging document (www.vishay.com/doc?31542). GLOBAL PART NUMBER INFORMATION New Global Part Numbering: CSC08A03100RGEK (preferred part number format) GLOBAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC RESISTANCE VALUE TOLERANCE CODE PACKAGING SPECIAL CSC 04 to 12 pin available 04 = 4 pin 08 = 8 pin 12 = 12 pin A = “A” profile B = “B” profile 01 = Bussed 03 = Isolated 00 = Special R = K = k M = M 10R0 = 10 680K = 680 k 1M00 = 1.0 M 0000 = 0 Jumper F = ± 1 % G = ± 2 % J = ± 5 % S = Special Z = 0 Jumper EK = Lead (Pb)-free, bulk PA = Tin/lead, bulk Blank = Standard (dash number) (up to 3 digits) From 1 to 999 as applicable Historical Part Number example: CSC08A03101GEK (will continue to be accepted) CSC 08 A 03 101 G EK HISTORICAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC RESISTANCE VALUE TOLERANCE CODE PACKAGING New Global Part Numbering: CSC08A05131AGEK (preferred part number format) GLOBAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC RESISTANCE VALUE TOLERANCE CODE PACKAGING SPECIAL CSC 04 to 12 pin available 04 = 4 pin 08 = 8 pin 12 = 12 pin A = “A” profile B = “B” profile 05 = Dual terminator 3 digit impedance code, followed by alpha modifier (see impedance table) F = ± 1 % G = ± 2 % J = ± 5 % EK = Lead (Pb)-free, bulk PA = Tin/lead, bulk Blank = Standard (Dash Number) (Up to 3 digits) From 1 to 999 as applicable Historical Part Number example: CSC08A05131AGEK (will continue to be accepted) CSC 08 A 05 221 331 G EK HISTORICAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC RESISTANCE VALUE 1 RESISTANCE VALUE 2 TOLERANCE CODE PACKAGING TECHNICAL SPECIFICATIONS PARAMETER UNIT CSC SERIES Voltage coefficient of resistance Veff < 50 ppm typical Dielectric strength VAC 200 Isolation resistance (03 schematic) > 100M Operating temperature range °C - 55 to + 125 DIMENSIONS in inches (millimeters) 0.012 ± 0.003 (0.305 ± 0.076) (Leads are along centerline of body) 0.098 (2.49) Max. 0.045 (1.14) Pin #1 C Max. B A Max. 0.018 ± 0.003 (0.457 ± 0.076) 0.100 ± 0.010 (2.54 ± 0.254) Non-Accumulative 0.050 (1.27) Max. 0.032 (0.813) 0.130 ± 0.010 (3.30 ± 0.254) C S C 0 8 A 0 3 1 0 0 R G E K C S C 0 8 A 0 5 1 3 1 A G E K |
Podobny numer części - CSC04A01RJPA |
|
Podobny opis - CSC04A01RJPA |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |