Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSC12A01RJPA Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części CSC12A01RJPA
Szczegółowy opis  Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC12A01RJPA Arkusz danych(HTML) 2 Page - Vishay Siliconix

  CSC12A01RJPA Datasheet HTML 1Page - Vishay Siliconix CSC12A01RJPA Datasheet HTML 2Page - Vishay Siliconix CSC12A01RJPA Datasheet HTML 3Page - Vishay Siliconix CSC12A01RJPA Datasheet HTML 4Page - Vishay Siliconix CSC12A01RJPA Datasheet HTML 5Page - Vishay Siliconix CSC12A01RJPA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CSC
www.vishay.com
Vishay Dale
Revision: 03-May-13
2
Document Number: 31509
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the Through-Hole Network Packaging document (www.vishay.com/doc?31542).
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CSC08A03100RGEK (preferred part number format)
GLOBAL
MODEL
PIN COUNT
PACKAGE
HEIGHT
SCHEMATIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
CSC
04 to 12 pin
available
04 = 4 pin
08 = 8 pin
12 = 12 pin
A = “A” profile
B = “B” profile
01 = Bussed
03 = Isolated
00 = Special
R =
K = k
M = M
10R0 = 10
680K = 680 k
1M00 = 1.0 M
0000 = 0
Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
S = Special
Z = 0
Jumper
EK = Lead (Pb)-free, bulk
PA = Tin/lead, bulk
Blank = Standard
(dash number)
(up to 3 digits)
From 1 to 999
as applicable
Historical Part Number example: CSC08A03101GEK (will continue to be accepted)
CSC
08
A
03
101
G
EK
HISTORICAL
MODEL
PIN COUNT
PACKAGE
HEIGHT
SCHEMATIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
New Global Part Numbering: CSC08A05131AGEK (preferred part number format)
GLOBAL
MODEL
PIN COUNT
PACKAGE
HEIGHT
SCHEMATIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
CSC
04 to 12 pin
available
04 = 4 pin
08 = 8 pin
12 = 12 pin
A = “A” profile
B = “B” profile
05 = Dual
terminator
3 digit
impedance
code, followed
by alpha
modifier (see
impedance
table)
F = ± 1 %
G = ± 2 %
J = ± 5 %
EK = Lead (Pb)-free, bulk
PA = Tin/lead, bulk
Blank = Standard
(Dash Number)
(Up to 3 digits)
From 1 to 999
as applicable
Historical Part Number example: CSC08A05131AGEK (will continue to be accepted)
CSC
08
A
05
221
331
G
EK
HISTORICAL
MODEL
PIN COUNT
PACKAGE
HEIGHT
SCHEMATIC
RESISTANCE
VALUE 1
RESISTANCE
VALUE 2
TOLERANCE
CODE
PACKAGING
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CSC SERIES
Voltage coefficient of resistance
Veff
< 50 ppm typical
Dielectric strength
VAC
200
Isolation resistance (03 schematic)
> 100M
Operating temperature range
°C
- 55 to + 125
DIMENSIONS in inches (millimeters)
0.012 ± 0.003
(0.305 ± 0.076)
(Leads are along
centerline of body)
0.098 (2.49) Max.
0.045
(1.14)
Pin
#1
C
Max.
B
A
Max.
0.018 ± 0.003
(0.457 ± 0.076)
0.100 ± 0.010 (2.54 ± 0.254)
Non-Accumulative
0.050 (1.27) Max.
0.032
(0.813)
0.130 ± 0.010
(3.30 ± 0.254)
C
S
C
0
8
A
0
3
1
0
0
R
G
E
K
C
S
C
0
8
A
0
5
1
3
1
A
G
E
K


Podobny numer części - CSC12A01RJPA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
CSC12A VISHAY-CSC12A Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC12A VISHAY-CSC12A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

Podobny opis - CSC12A01RJPA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com