Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1345 Arkusz danych(PDF) 1 Page - Skyworks Solutions Inc.

Numer części SMP1345
Szczegółowy opis  Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1345 Arkusz danych(HTML) 1 Page - Skyworks Solutions Inc.

  SMP1345_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1345_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1345_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1345_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1345_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1345_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1345_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1345_15 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200046S • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
1
DATA SHEET
SMP1345 Series: Very Low Capacitance, Plastic Packaged
Silicon PIN Diodes
Applications
 High isolation LNBs, WLANs, and wireless switches
Features
 Very low insertion loss: 0.4 dB
 Capacitance: 0.15 pF
 Packages rated MSL1, 260 C per JEDEC J-STD-020
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMP1345 series of plastic packaged, surface mountable PIN
diodes is designed for high volume Low-Noise Block (LNB),
Wireless Local Area Network (WLAN), and switch applications
from 10 MHz to 6 GHz. The short carrier lifetime of 100 ns
(typical), combined with their thin I-region width of 10
μm
(nominal) results in a group of fast speed RF switching PIN diodes.
The RF performance of the SMP1345 series is assured by virtue
of their very low capacitance (0.15 pF) and low resistance (1.5
Ω
at 10 mA).
Table 1 describes the various packages and marking of the
SMP1345 series.
Table 1. SMP1345 Series Packaging and Marking
Common Anode
Common Cathode
Single
Single
SOT-23
SOT-23
SC-79
Green™
SOD-882
Green™
SMP1345-003
Marking: PU9
SMP1345-004
Marking: PU3
SMP1345-003LF
Green™
Marking: RU9
SMP1345-004LF
Green™
Marking: RU3
SMP1345-079LF
Marking: Cathode and CF
SMP1345-040LF
Marking: U
LS = 1.5 nH
LS = 1.5 nH
LS = 0.7 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™.
Tin/lead (Sn/Pb) packaging is not recommended for new designs.


Podobny numer części - SMP1345_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1345-003LF SKYWORKS-SMP1345-003LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1345-004LF SKYWORKS-SMP1345-004LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1345-005LF SKYWORKS-SMP1345-005LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1345-040LF SKYWORKS-SMP1345-040LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1345-079LF SKYWORKS-SMP1345-079LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
More results

Podobny opis - SMP1345_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345-040LF SKYWORKS-SMP1345-040LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMPA1345-040LF SKYWORKS-SMPA1345-040LF Datasheet
586Kb / 6P
   Very Low Capacitance, Plastic-Packaged Silicon PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com