Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1345-003 Arkusz danych(PDF) 7 Page - Skyworks Solutions Inc.

Numer części SMP1345-003
Szczegółowy opis  Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1345-003 Arkusz danych(HTML) 7 Page - Skyworks Solutions Inc.

  SMP1345-003 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1345-003 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1345-003 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1345-003 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1345-003 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1345-003 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1345-003 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1345-003 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATA SHEET • SMP1345 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200046S • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
7
Notes:
1. All measurements are in millimeters.
2. Dimensions and tolerances according to ASME Y14.5M-1994.
3. These packages are used principally for discrete devices.
4. This dimension includes stand-off height and package body thickness,
but does not include attached features, e.g., external heatsink or chip capacitors.
An integral heatslug is not considered an attached feature.
5. This dimension is primarily terminal plating, but does not include small metal protrusion.
0.05
2X
0.05
0.46 + 0.04
–0.06
0.05/0.00
Terminal 1
0.03 C
2X 0.25 ± 0.05
2X
Pin 1 Indicator
0.600
A
0.650
C
B
1.000
Seating Plane
4
2X 0.50 ± 0.05
0.10 M A B
0.10 M A B
0.325
5
Y1410
Figure 11. SOD-882 Package Dimension Drawing
S1922
A
B
2.00 ± 0.05
∅1.55 ± 0.05 (D0)
∅0.40 ± 0.05 (D1)
Cathode
Indicator
0.20
0.70 ± 0.05 (A0)
4.00 ± 0.10
A
B
B
A
2.00 ± 0.05
0.47 ± 0.05 (Ko)
1.75 ± 0.10
Notes:
1. Carrier tape: black conductive polycarbonate.
2. Cover tape: transparent conductive material.
3. Cover tape size: 5.4 mm width.
4. ESD surface resistivity is ≥1 x 104 ~ ≤ 1 x 108 Ohms/square.
5. All dimensions are in millimeters.
Figure 12. SOD-882 Tape and Reel Drawing


Podobny numer części - SMP1345-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1345-003LF SKYWORKS-SMP1345-003LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
More results

Podobny opis - SMP1345-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345-040LF SKYWORKS-SMP1345-040LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMPA1345-040LF SKYWORKS-SMPA1345-040LF Datasheet
586Kb / 6P
   Very Low Capacitance, Plastic-Packaged Silicon PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com