Zakładka z wyszukiwarką danych komponentów |
|
FAN431L Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
FAN431L Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 10 page ©2003 Fairchild Semiconductor Corporation www.fairchildsemi.com Rev. 1.0.1 Features • Programmable Output Voltage to 36 Volts • Low Dynamic Output Impedance 0.20 Typical • Sink Current Capability of 1.0 to 100mA • Equivalent Full-Range Temperature Coefficient of 50ppm/ °C Typical • Temperature Compensated for Operation Over Full Rated Operating Temperature Range • Low Output Noise Voltage • Fast Turn-on Response Description The FAN431/FAN431A/FAN431L are three terminal output adjustable regulators with thermal stability over operating temperature range. The output voltage can be set any value between VREF (approximately 2.5 volts) and 36 volts with two external resistors. These devices have a typical dynamic output impedance of 0.2 Ω Active output circuit provides a sharp turn-on characteristic, making these devices excellent replacement for Zener Diodes in many applications. 1. Ref 2. Anode 3. Cathode 1 TO-92 Internal Block Diagram 2.5 Vref CATHODE ANODE REFERENCE ANODE(A) REFERENCE (R) CATHODE (K) FAN431/FAN431A/FAN431L Programmable Shunt Regulator |
Podobny numer części - FAN431L |
|
Podobny opis - FAN431L |