Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4150 Arkusz danych(PDF) 2 Page - Diotec Semiconductor

Numer części 1N4150
Szczegółowy opis  Ultrafast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOTEC [Diotec Semiconductor]
Strona internetowa  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N4150 Arkusz danych(HTML) 2 Page - Diotec Semiconductor

  1N4150 Datasheet HTML 1Page - Diotec Semiconductor 1N4150 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4148, 1N4150, 1N4151, 1N4448
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Leakage current
Sperrstrom
Rev. recovery time 1)
Sperrverzugszeit 1)
VF [V] at/bei IF [mA]
IR [nA] at/bei VR [V]
trr [ns]
1N4148
< 1
10
< 25
< 5.000
< 50.000
20
75
20 (Tj = 150°C)
< 4
1N4150
0.54...0.62
0.66...0.74
0.76...0.86
0.82...0.92
8.87...1.00
1
10
50
100
200
< 100
< 100.000
50
50 (Tj = 150°C)
< 4
1N4151
< 1
50
< 50
< 50.000
50
50 (Tj = 150°C)
< 2
1N4448
0.62...0.72
< 1
5
100
< 20
< 5.000
< 50.000
25
75
20 (Tj = 150°C)
< 4
Typical junction capacitance
Typische Sperrschichtkapzität
VR = 0 V
Cj
4 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 300 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
IF = 10 mA through/über IR = 10 mA to/auf IR = 1 mA, VR = 6V, RL = 100 Ω
2
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
2
2
[°C]
T
A
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T = 25°C
j
T = 125°C
j
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[A]
I
F
10
-3
10
-2
10-1
1
10


Podobny numer części - 1N4150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
1N4150 ROHM-1N4150 Datasheet
34Kb / 2P
   Switching diode
logo
NXP Semiconductors
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
New Jersey Semi-Conduct...
1N4150 NJSEMI-1N4150 Datasheet
44Kb / 1P
   Small Signal Devices
logo
GOOD-ARK Electronics
1N4150 GOOD-ARK-1N4150 Datasheet
23Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
More results

Podobny opis - 1N4150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
UF4003GP DIOTEC-UF4003GP Datasheet
125Kb / 2P
   Ultrafast Recovery Rectifier Diodes
UF4001 DIOTEC-UF4001_15 Datasheet
134Kb / 2P
   Ultrafast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
1N5807 EIC-1N5807 Datasheet
98Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
1N5807US EIC-1N5807US Datasheet
100Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
UF5400 DIOTEC-UF5400_15 Datasheet
140Kb / 2P
   Ultrafast Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
UF4001 SUNMATE-UF4001 Datasheet
315Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
UF5400 SUNMATE-UF5400 Datasheet
305Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Advanced Power Technolo...
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BCA ADPOW-APT30D60BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D40LCT ADPOW-APT60D40LCT Datasheet
27Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com