Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP57-A Arkusz danych(PDF) 4 Page - Astrodyne Corporation

Numer części TP57-A
Szczegółowy opis  75W Triple Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP57-A Arkusz danych(HTML) 4 Page - Astrodyne Corporation

  TP57-A Datasheet HTML 1Page - Astrodyne Corporation TP57-A Datasheet HTML 2Page - Astrodyne Corporation TP57-A Datasheet HTML 3Page - Astrodyne Corporation TP57-A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
T P - 7 5 / D R L series
75W Triple Output with PFC Function
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
A B
PSU
DRL
DRL Clip & Bracket
Dimension A: 0.17”
Dimension B: 0.36”


Podobny numer części - TP57-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GREATECS
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
logo
National Semiconductor ...
TP5700A NSC-TP5700A Datasheet
185Kb / 8P
   Telephone Speech Circuit
TP5700AM NSC-TP5700AM Datasheet
185Kb / 8P
   Telephone Speech Circuit
TP5700AN NSC-TP5700AN Datasheet
185Kb / 8P
   Telephone Speech Circuit
logo
GREATECS
TP57H43CBKK12RA GREATECS-TP57H43CBKK12RA Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
More results

Podobny opis - TP57-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RSG Electronic Componen...
TP-75 RSG-TP-75 Datasheet
182Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-75 ASTRODYNE-TP-75 Datasheet
439Kb / 3P
   75W Triple Output with PFC Function
TP75 ASTRODYNE-TP75 Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_12 Datasheet
607Kb / 3P
   75W Triple Output with PFC Function
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
   75W Triple Output with PFC Function
TP-75 MEANWELL-TP-75_10 Datasheet
609Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com