Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT163MTC Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74ACT163MTC
Szczegółowy opis  Synchronous Presettable Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT163MTC Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74ACT163MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT163MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
±0.3V
Voltage Range 5.0 is 5.0V
±0.5V
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µAV
I = VCC, GND
ICCT
Maximum
5.5
0.6
1.5
mA
VI = VCC − 2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µAV
IN = VCC
Supply Current
or GND
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
70
95
60
MHz
Frequency
5.0
110
140
95
tPLH
Propagation Delay, CP to Qn
3.3
2.0
7.5
12.5
1.5
13.5
ns
(PE Input HIGH or LOW)
5.0
1.5
5.5
9.0
1.0
9.5
tPHL
Propagation Delay, CP to Qn
3.3
1.5
8.5
12.0
1.5
13.0
ns
(PE Input HIGH or LOW)
5.0
1.5
6.0
9.5
1.5
10.0
tPLH
Propagation Delay
3.3
3.0
9.5
15.0
2.5
16.5
ns
CP to TC
5.0
2.0
7.0
10.5
1.5
11.5
tPHL
Propagation Delay
3.3
3.5
11.0
14.0
2.5
15.5
ns
CP to TC
5.0
2.0
8.0
11.0
2.0
11.5
tPLH
Propagation Delay
3.3
2.0
7.5
9.5
1.5
11.0
ns
CET to TC
5.0
1.5
5.5
6.5
1.0
7.5
tPHL
Propagation Delay
3.3
2.5
8.5
11.0
2.0
12.5
ns
CET to TC
5.0
2.0
6.0
8.5
1.5
9.5


Podobny numer części - 74ACT163MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACT163MTC FAIRCHILD-74ACT163MTC Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
More results

Podobny opis - 74ACT163MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com