Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1217 Arkusz danych(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS1217
Szczegółowy opis  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1217 Arkusz danych(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS1217 Datasheet HTML 2Page - Burr-Brown (TI) ADS1217 Datasheet HTML 3Page - Burr-Brown (TI) ADS1217 Datasheet HTML 4Page - Burr-Brown (TI) ADS1217 Datasheet HTML 5Page - Burr-Brown (TI) ADS1217 Datasheet HTML 6Page - Burr-Brown (TI) ADS1217 Datasheet HTML 7Page - Burr-Brown (TI) ADS1217 Datasheet HTML 8Page - Burr-Brown (TI) ADS1217 Datasheet HTML 9Page - Burr-Brown (TI) ADS1217 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADS1217
6
SBAS260B
www.ti.com
PIN CONFIGURATION
PIN
NUMBER
NAME
DESCRIPTION
1AVDD
Analog Power Supply
2
AGND
Analog Ground
3AIN0
Analog Input 0
4AIN1
Analog Input 1
5AIN2
Analog Input 2
6AIN3
Analog Input 3
7AIN4
Analog Input 4
8AIN5
Analog Input 5
9AIN6
Analog Input 6
10
AIN7
Analog Input 7
11
AINCOM
Analog Input Common
12
AGND
Analog Ground
13
AVDD
Analog Power Supply
14
VRCAP
VREFOUT Bypass Capacitor
15
IDAC1
Current DAC1 Output
16
IDAC2
Current DAC2 Output
17
RDAC
Current DAC Resistor
18-22
DGND
Digital Ground
23
BUFEN
Buffer Enable Input
24
RESET
Active LOW, resets the entire chip.
PIN DESCRIPTIONS
PIN
NUMBER
NAME
DESCRIPTION
24
23
22
21
20
19
18
17
16
15
14
13
RESET
BUFEN
DGND
DGND
DGND
DGND
DGND
R
DAC
IDAC2
IDAC1
V
RCAP
AV
DD
37
38
39
40
41
42
43
44
45
46
47
48
D0
D1
D2
D3
D4
D5
D6
D7
AGND
V
REFOUT
V
REF+
V
REF–
36
35
34
33
32
31
30
29
28
27
26
123456789
10
11
25
12
ADS1217
Top View
TQFP
25
XIN
Clock Input
26
XOUT
Clock Output, used with crystal or resonator.
27
PDWN
Active LOW. Power Down. The power-down
function shuts down the analog and digital
circuits.
28
POL
Serial Clock Polarity Input
29
DSYNC
Active LOW, Synchronization Control Input
30
DGND
Digital Ground
31
DVDD
Digital Power Supply
32
DRDY
Active LOW, Data Ready Output
33
CS
Active LOW, Chip Select Input
34
SCLK
Serial Clock, Schmitt Trigger
35
DIN
Serial Data Input, Schmitt Trigger
36
DOUT
Serial Data Output
37-44
D0-D7
Digital I/O 0-7
45
AGND
Analog Ground
46
VREFOUT
Voltage Reference Output
47
VREF+
Positive Differential Reference Input
48
VREF–
Negative Differential Reference Input


Podobny numer części - ADS1217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1217 TI1-ADS1217 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBR TI1-ADS1217IPFBR Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBR TI1-ADS1217IPFBR Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com