Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDDFN10-0516P Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions

Numer części CDDFN10-0516P
Szczegółowy opis  Surface Mount TVS Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN10-0516P Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions

  CDDFN10-0516P Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN10-0516P Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN10-0516P Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN10-0516P Datasheet HTML 4Page - Bourns Electronic Solutions CDDFN10-0516P Datasheet HTML 5Page - Bourns Electronic Solutions CDDFN10-0516P Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CDDFN10-0516P-SurfaceMountTVSDiodeArray
Electrical Characteristics - Continued (@ TA = 25 °C Unless Otherwise Noted)
Pin 4, 5, 6 or 7 (SSTX+, SSRX+, SSTX-, SSRX-) to Ground (Unless Otherwise Noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Working Peak Reverse Voltage
VWM_SS
2.2
V
Breakdown Voltage @ 1 mA
VBR_SS
4.5
V
Snap-back Voltage @ 50 mA
VSB_SS
2.4
V
Leakage Current @ VWM_SS
IR_SS
1
μ
A
Forward Voltage @ 15 mA
VF_SS
0.9
V
Clamping Voltage @ IPP = 4 A
VC_SS
4.5
V
Channel Capacitance @ 1.2 V, 1 MHz
CIN_SS
0.35
0.5
pF
Channel to Channel Capacitance
@ 1.2 V, 1 MHz (3) (4)
CCROSS_SS
0.02
0.04
pF
Note 3: Pin 9 = 0 V
Note 4: Between any two I/O; Pins 4, 5, 6 or 7 (SSTX+, SSRX+, SSTX-, SSRX-)


Podobny numer części - CDDFN10-0516P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CDDFN10-0506N BOURNS-CDDFN10-0506N Datasheet
670Kb / 1P
   USB 3.0 - ESD & Overcurrent Protection
CDDFN10-0506N BOURNS-CDDFN10-0506N Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
More results

Podobny opis - CDDFN10-0516P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CDSC706-0504F BOURNS-CDSC706-0504F Datasheet
330Kb / 4P
   Surface Mount TVS Diode Array
CDSOT236-0502 BOURNS-CDSOT236-0502 Datasheet
267Kb / 4P
   Surface Mount TVS Diode Array
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
   Surface Mount TVS Diode Array
logo
Weitron Technology
WOST04C WEITRON-WOST04C Datasheet
409Kb / 3P
   Surface Mount TVS Diode Array
logo
Bourns Electronic Solut...
CDDFN10-3324P BOURNS-CDDFN10-3324P Datasheet
943Kb / 5P
   Surface Mount TVS Diode Array
CDMSP10-0504M BOURNS-CDMSP10-0504M Datasheet
402Kb / 6P
   Surface Mount TVS Diode Array
CDSC706-0504C BOURNS-CDSC706-0504C_12 Datasheet
286Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0524P BOURNS-CDDFN10-0524P_12 Datasheet
335Kb / 4P
   Surface Mount TVS Diode Array
logo
Littelfuse
SP0502BA LITTELFUSE-SP0502BA Datasheet
315Kb / 8P
   Surface Mount TVS Avalanche Diode Array
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com