Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4937S Arkusz danych(PDF) 2 Page - Leshan Radio Company

Numer części 1N4937S
Szczegółowy opis  Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4937S Arkusz danych(HTML) 2 Page - Leshan Radio Company

  1N4937S Datasheet HTML 1Page - Leshan Radio Company 1N4937S Datasheet HTML 2Page - Leshan Radio Company 1N4937S Datasheet HTML 3Page - Leshan Radio Company 1N4937S Datasheet HTML 4Page - Leshan Radio Company 1N4937S Datasheet HTML 5Page - Leshan Radio Company 1N4937S Datasheet HTML 6Page - Leshan Radio Company 1N4937S Datasheet HTML 7Page - Leshan Radio Company 1N4937S Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
1N4933S thru 1N4937S
0.375" (9.5mm) Lead Length
Case Temperature, °C
Fig. 1 – Forward Current Derating Curve
0
25
50
75
100 125
150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
1
10
100
30
15
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Number of Cycles at 60Hz
Fig 3. – Typical Instantaneous Forward
Characteristics
0.6
0.8
1.0
1.2
1.4
1.6
10
1.0
0.1
0.01
100
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Instantaneous Forward Voltage (V)
10
Fig 4. – Typical Reverse Characteristics
0
20
40
60
80
100
100
1
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃
Tj=75℃
Tj=25℃
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig 6. – Typical Junction Capacitance
0.1
1
10
100
20
10
1.0
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)


Podobny numer części - 1N4937S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
1N4937S SEMTECH_ELEC-1N4937S Datasheet
151Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
48Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
1N4937S FRONTIER-1N4937S Datasheet
126Kb / 2P
   1A FAST RECOVERY PLASTIC RECTIFIER
logo
Compact Technology Corp...
1N4937S CTC-1N4937S Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4937S LRC-1N4937S_15 Datasheet
238Kb / 8P
   Fast Switching Rectifiers
More results

Podobny opis - 1N4937S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
   Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
   Reverse Voltage 50 to 600V Forward Current 1.0A
1E1 LRC-1E1 Datasheet
219Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com