Zakładka z wyszukiwarką danych komponentów |
|
2N3766 Arkusz danych(PDF) 1 Page - Microsemi Corporation |
|
2N3766 Arkusz danych(HTML) 1 Page - Microsemi Corporation |
1 / 3 page TECHNICAL DATA NPN POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/518 Devices Qualified Level 2N3766 2N3767 JAN JANTX JANTXV MAXIMUM RATINGS Ratings Symbol 2N3766 2N3767 Units Collector-Emitter Voltage VCEO 60 80 Vdc Collector-Base Voltage VCBO 80 100 Vdc Emitter-Base Voltage VEBO 6.0 Vdc Base Current IB 2.0 Adc Collector Current IC 4.0 Adc Total Power Dissipation @ TC = +25 0C (1) PT 25 W Operating & Storage Temperature Range Top, Tstg -65 to +200 0C THERMAL CHARACTERISTICS Characteristics Symbol Max. Unit Thermal Resistance, Junction-to-Case RθJC 7.0 0C/W 1) Derate linearly 143 mW/ 0C between TC = +250C and TC = +2000C TO-66* (TO-213AA) *See Appendix A for Package Outline ELECTRICAL CHARACTERISTICS (TC = 25 0C unless otherwise noted) Characteristics Symbol Min. Max. Unit OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage IC = 100 mAdc 2N3766 2N3767 V(BR)CEO 60 80 Vdc Collector-Emitter Cutoff Current VCE = 60 Vdc 2N3766 VCE = 80 Vdc 2N3767 ICEO 500 500 µAdc Collector-Emitter Cutoff Current VCE = 80 Vdc, VBE = 1.5 Vdc 2N3766 VCE = 100 Vdc, VBE = 1.5 Vdc 2N3767 ICEX 10 10 µAdc Collector-Base Cutoff Current VCB = 80 Vdc 2N3766 VCB = 100 Vdc 2N3767 ICBO 10 10 µAdc Emitter-Base Cutoff Current VEB = 6.0 Vdc IEBO 500 µAdc 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 1 of 2 |
Podobny numer części - 2N3766 |
|
Podobny opis - 2N3766 |