Zakładka z wyszukiwarką danych komponentów |
|
ADR433 Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADR433 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 24 page ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. B | Page 4 of 24 ADR431 ELECTRICAL CHARACTERISTICS VIN = 4.5 V to 18 V, ILOAD = 0 mA, TA = 25°C, unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ Max Unit Output Voltage B Grade VO 2.499 2.500 2.501 V A Grade VO 2.497 2.500 2.503 V Initial Accuracy B Grade VOERR 1 mV B Grade VOERR 0.04 % A Grade VOERR 3 mV A Grade VOERR 0.13 % Temperature Coefficient SOIC-8 (B Grade) TCVO −40°C < TA < +125°C 1 3 ppm/°C SOIC-8 (A Grade) TCVO −40°C < TA < +125°C 2 10 ppm/°C MSOP-8 TCVO −40°C < TA < +125°C 2 10 ppm/°C Line Regulation ∆VO/∆VIN VIN = 4.5 V to 18 V −40°C < TA < +125°C 5 20 ppm/V Load Regulation ∆VO/∆ILOAD ILOAD = 0 mA to 10 mA, VIN = 5.0 V −40°C < TA < +125°C 15 ppm/mA ILOAD = −10 mA to 0 mA, VIN = 5.0 V −40°C < TA < +125°C 15 ppm/mA Quiescent Current IIN No load, −40°C < TA < +125°C 580 800 µA Voltage Noise eN p-p 0.1 Hz to 10.0 Hz 3.5 µV p-p Voltage Noise Density eN 1 kHz 80 nV√Hz Turn-On Settling Time tR CIN = 0 10 µs Long-Term Stability1 ∆VO 1,000 h 40 ppm Output Voltage Hysteresis VO_HYS 20 ppm Ripple Rejection Ratio RRR fIN = 10 kHz −70 dB Short Circuit to GND ISC 40 mA Supply Voltage Operating Range VIN 4.5 18 V Supply Voltage Headroom VIN – VO 2 V 1 The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period. |
Podobny numer części - ADR433 |
|
Podobny opis - ADR433 |