Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESCA-0318 Arkusz danych(PDF) 4 Page - Astrodyne Corporation

Numer części ESCA-0318
Szczegółowy opis  30W Ultraminiature Encapsulated Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-0318 Arkusz danych(HTML) 4 Page - Astrodyne Corporation

  ESCA-0318 Datasheet HTML 1Page - Astrodyne Corporation ESCA-0318 Datasheet HTML 2Page - Astrodyne Corporation ESCA-0318 Datasheet HTML 3Page - Astrodyne Corporation ESCA-0318 Datasheet HTML 4Page - Astrodyne Corporation ESCA-0318 Datasheet HTML 5Page - Astrodyne Corporation ESCA-0318 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
30W Ultraminiature Encapsulated Switching Power Supplies
ECA30 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
MECHANICAL DIMENSIONS - PCB MOUNT - SINGLE OUTPUT
1 . 1 0
2 7 . 9 4
. 8 0
2 0 . 3 2
. 5 0
1 2 . 7 0
. 5 0
1 2 . 7 0
. 1 5
3 . 8
7
PIN - OUT VIEWED FROM BOTTOM
1
2
3
4
5
6
8
2 7 . 9 4
1 . 1 0
1 . 1 0
2 7 . 9 4
1 . 1 0
2 7 . 9 4
1 . 0 2
. 0 4
2 4 . 9 0
. 9 8
3 . 5 0
8 8 . 9 0
0 . 1 7 8 - . 2 0
6 3 . 5 0
2 . 5 0
4 . 5 - 5 . 1
8 1 . 2 8
3 . 2 0
SIZE
REV
DRAWING NO.
DESCRIPTION
DATE
SHEET METAL TOLERANCE
(UNLESS OTHERWISE SPECIFIED)
PIERCING
BENDING
ANGULAR
300<X<800
25<X<100
8<X<25
±0.1
±0.1
±0.15
±0.2
±0.3
±0.25
±0.2
±0.15
±1°
APPROVED
CHECKED
DRAWN
Projection
SCALE
UNIT
MODEL NO.
PART NO.
MATERIAL
TITLE
mm
100<X<300
±0.5°
±0.3
±0.5
±1.5°
±0.5°
±0.3°
X<8
DIMENSION
SHEET
OF
A4
ESCA-30W
outline drawing
ESCA-30W
1
NEW SPEC
Type/Pin#
A
0.13[0.005].
1 : 1
-Vout
No Pin
No Pin
No Pin
+Vout
AC LO
AC HI
8
7
6
5
4
3
2
No Pin
Single
NOTES :
1. All dimension in mm [ inch ] .
2. tolerance : .XX 0.254 [0.01 ].
.XXX
Model
E.LIU
2015/7/21


Podobny numer części - ESCA-0318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Podobny opis - ESCA-0318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com