Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC3223 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC3223
Szczegółowy opis  Dual Channel
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC3223 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC3223 Datasheet HTML 1Page - Texas Instruments ADC3223 Datasheet HTML 2Page - Texas Instruments ADC3223 Datasheet HTML 3Page - Texas Instruments ADC3223 Datasheet HTML 4Page - Texas Instruments ADC3223 Datasheet HTML 5Page - Texas Instruments ADC3223 Datasheet HTML 6Page - Texas Instruments ADC3223 Datasheet HTML 7Page - Texas Instruments ADC3223 Datasheet HTML 8Page - Texas Instruments ADC3223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
5
ADC3221, ADC3222, ADC3223, ADC3224
www.ti.com
SBAS672B – JULY 2014 – REVISED MARCH 2016
Product Folder Links: ADC3221 ADC3222 ADC3223 ADC3224
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AVDD
6-9, 12, 17, 20, 25,
28-30
I
Analog 1.8-V power supply
CLKM
18
I
Negative differential clock input for the ADC
CLKP
19
I
Positive differential clock input for the ADC
DA0M
48
O
Negative serial LVDS output for channel A0
DA0P
47
O
Positive serial LVDS output for channel A0
DA1M
46
O
Negative serial LVDS output for channel A1
DA1P
45
O
Positive serial LVDS output for channel A1
DB0M
40
O
Negative serial LVDS output for channel B0
DB0P
39
O
Positive serial LVDS output for channel B0
DB1M
38
O
Negative serial LVDS output for channel B1
DB1P
37
O
Positive serial LVDS output for channel B1
DCLKM
44
O
Negative bit clock output
DCLKP
43
O
Positive bit clock output
DVDD
2, 4, 33, 35
I
Digital 1.8-V power supply
FCLKM
42
O
Negative frame clock output
FCLKP
41
O
Positive frame clock output
GND
1, 3, 5, 32, 34, 36,
PowerPAD™
I
Ground, 0 V
INAM
11
I
Negative differential analog input for channel A
INAP
10
I
Positive differential analog input for channel A
INBM
26
I
Negative differential analog input for channel B
INBP
27
I
Positive differential analog input for channel B
PDN
31
I
Power-down control. This pin can be configured via the SPI.
This pin has an internal 150-k
Ω pull-down resistor.
RESET
21
I
Hardware reset; active high. This pin has an internal 150-k
Ω pull-down resistor.
SCLK
13
I
Serial interface clock input. This pin has an internal 150-k
Ω pull-down resistor.
SDATA
14
I
Serial interface data input. This pin has an internal 150-k
Ω pull-down resistor.
SDOUT
16
O
Serial interface data output
SEN
15
I
Serial interface enable; active low.
This pin has an internal 150-k
Ω pull-up resistor to AVDD.
SYSREFM
23
I
Negative external SYSREF input
SYSREFP
22
I
Positive external SYSREF input
VCM
24
O
Common-mode voltage for analog inputs


Podobny numer części - ADC3223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MPS Industries, Inc.
ADC322 MPSIND-ADC322 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3221 TI1-ADC3221 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Podobny opis - ADC3223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
   Dual Channel Detector
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
TT Electronics.
OPB822S TTELEC-OPB822S Datasheet
1Mb / 4P
   Dual Channel Encoder
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Fairchild Semiconductor
MOCD217M FAIRCHILD-MOCD217M Datasheet
2Mb / 10P
   Dual Channel Phototransistor
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
logo
TT Electronics.
OPB950Z TTELEC-OPB950Z Datasheet
976Kb / 6P
   Dual Channel Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com