Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC3224IRGZ25 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADC3224IRGZ25
Szczegółowy opis  Dual Channel
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC3224IRGZ25 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC3224IRGZ25 Datasheet HTML 1Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 2Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 3Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 4Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 5Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 6Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 7Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 8Page - Texas Instruments ADC3224IRGZ25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
48
47
46
45
44
43
42
41
40
39
38
37
GND
AVDD
GND
AVDD
AVDD
AVDD
INAP
AVDD
INAM
GND Pad
(Back Side)
GND
DVDD
GND
GND
DVDD
PDN
AVDD
AVDD
AVDD
INBP
INBM
AVDD
DVDD
GND
DVDD
4
ADC3221, ADC3222, ADC3223, ADC3224
SBAS672B – JULY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADC3221 ADC3222 ADC3223 ADC3224
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Device Comparison Table
INTERFACE
RESOLUTION
(Bits)
25 MSPS
50 MSPS
80 MSPS
125 MSPS
160 MSPS
Serial LVDS
12
ADC3221
ADC3222
ADC3223
ADC3224
14
ADC3241
ADC3242
ADC3243
ADC3244
JESD204B
12
ADC32J22
ADC32J23
ADC32J24
ADC32J2x5
14
ADC32J42
ADC32J43
ADC32J44
ADC32J45
6 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View


Podobny numer części - ADC3224IRGZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MPS Industries, Inc.
ADC322 MPSIND-ADC322 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3221 TI1-ADC3221 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Podobny opis - ADC3224IRGZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
   Dual Channel Detector
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
TT Electronics.
OPB822S TTELEC-OPB822S Datasheet
1Mb / 4P
   Dual Channel Encoder
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Fairchild Semiconductor
MOCD217M FAIRCHILD-MOCD217M Datasheet
2Mb / 10P
   Dual Channel Phototransistor
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
logo
TT Electronics.
OPB950Z TTELEC-OPB950Z Datasheet
976Kb / 6P
   Dual Channel Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com