Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08200 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC08200
Szczegółowy opis  8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08200 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC08200 Datasheet HTML 3Page - Texas Instruments ADC08200 Datasheet HTML 4Page - Texas Instruments ADC08200 Datasheet HTML 5Page - Texas Instruments ADC08200 Datasheet HTML 6Page - Texas Instruments ADC08200 Datasheet HTML 7Page - Texas Instruments ADC08200 Datasheet HTML 8Page - Texas Instruments ADC08200 Datasheet HTML 9Page - Texas Instruments ADC08200 Datasheet HTML 10Page - Texas Instruments ADC08200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ADC08200
www.ti.com
SNAS136M – APRIL 2001 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
The following specifications apply for VA = VDR = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 5 pF, fCLK = 200 MHz at 50% duty
cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)(3)
Units
Symbol
Parameter
Conditions
Typical (4)
Limits (4)
(Limits)
POWER SUPPLY CHARACTERISTICS
DC Input
69.75
86
mA (max)
IA
Analog Supply Current
fIN = 10 MHz, VIN = FS − 3 dB
69.75
mA
IDR
Output Driver Supply Current
DC Input, PD = Low
0.25
0.6
mA (max)
DC Input, PD = Low
70
86.6
mA (max)
IA + IDR
Total Operating Current
CLK Low, PD = Hi
0.3
mA
DC Input, Excluding Reference
210
260
mW (max)
PC
Power Consumption
CLK Low, PD = Hi
1
mW
FSE change with 2.7V to 3.3V change in
PSRR1
Power Supply Rejection Ratio
54
dB
VA
SNR reduction with 200 mV at 1MHz on
PSRR2
Power Supply Rejection Ratio
45
dB
supply
AC ELECTRICAL CHARACTERISTICS
fC1
Maximum Conversion Rate
230
200
MHz (min)
fC2
Minimum Conversion Rate
10
MHz
tCL
Minimum Clock Low Time
0.87
1.0
ns (min)
tCH
Minimum Clock High Time
0.65
0.75
ns (min)
CLK to Data Invalid, VA = 3.3V to 3.6V, tA
Output Hold Time, Output Falling (5)
2.4
3.3
ns (max)
=
−40°C to +105°C, CL = 8 pF
tOH
CLK to Data Invalid, VA = 3.3V to 3.6V, tA
Output Hold Time, Output Rising (5)
1.9
2.5
ns (max)
=
−40°C to +105°C, CL = 8 pF
2.4
ns (min)
CLK to Data Transition, VA = 3.3V to
Output Delay, Output Falling (5)
3.9
3.6V, VA = −40°C to +105°C, CL = 8 pF
5.1
ns (max)
tOD
2.4
ns (min)
CLK to Data Transition, VA = 3.3V to
Output Delay, Output Rising (5)
3.3
3.6V, tA = −40°C to +105°C, CL = 8 pF
4.0
ns (max)
Output Falling, VA = 3.3V, CL = 8 pF,
0.73
V/ns
tA = −40°C to +105°C
tSLEW
Output Slew Rate(6)
Output Rising, VA = 3.3V, CL = 8 pF,
0.88
V/ns
tA = −40°C to +105°C
Pipeline Delay (Latency)
6
Clock Cycles
tAD
Sampling (Aperture) Delay
CLK Rise to Acquisition of Data
2.6
ns
tAJ
Aperture Jitter
2
ps rms
(5)
These specifications are ensured by design and not tested.
(6)
Typical output slew rate is based upon the maximum tOD and tOH figures.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08200


Podobny numer części - ADC08200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
ADC08200CIMT NSC-ADC08200CIMT Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200CIMT NSC-ADC08200CIMT Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
ADC08200CIMTX NSC-ADC08200CIMTX Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results

Podobny opis - ADC08200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
National Semiconductor ...
ADC08200 NSC-ADC08200_08 Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. D
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com