Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC081000 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADC081000
Szczegółowy opis  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081000 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADC081000_15 Datasheet HTML 5Page - Texas Instruments ADC081000_15 Datasheet HTML 6Page - Texas Instruments ADC081000_15 Datasheet HTML 7Page - Texas Instruments ADC081000_15 Datasheet HTML 8Page - Texas Instruments ADC081000_15 Datasheet HTML 9Page - Texas Instruments ADC081000_15 Datasheet HTML 10Page - Texas Instruments ADC081000_15 Datasheet HTML 11Page - Texas Instruments ADC081000_15 Datasheet HTML 12Page - Texas Instruments ADC081000_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ADC081000
www.ti.com
SNAS209G – FEBRUARY 2004 – REVISED MAY 2013
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
800mVP-P, CL = 10 pF, Differential, a.c. coupled Sinewave Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, REXT = 3300Ω ±
0.1%, Analog Signal Source Impedance = 100
Ω. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C,
unless otherwise stated
(1)(2)(3)
Units
Symbol
Parameter
Conditions
Typical(4)
Limits(4)
(Limits)
fIN = 100 MHz, VIN = FSR − 0.5 dB
-57
dB
THD
Total Harmonic Distortion
fIN = 248 MHz, VIN = FSR − 0.5 dB
-57
−50
dB (max)
fIN = 498 MHz, VIN = FSR − 0.5 dB
-57
−50
dB (max)
fIN = 100 MHz, VIN = FSR − 0.5 dB
−64
dB
2nd Harm
Second Harmonic Distortion
fIN = 248 MHz, VIN = FSR − 0.5 dB
−64
dB
fIN = 498 MHz, VIN = FSR − 0.5 dB
−64
dB
fIN = 100 MHz, VIN = FSR − 0.5 dB
−64
dB
3rd Harm
Third Harmonic Distortion
fIN = 248 MHz, VIN = FSR − 0.5 dB
−64
dB
fIN = 498 MHz, VIN = FSR − 0.5 dB
−64
dB
fIN = 100 MHz, VIN = FSR − 0.5 dB
58.5
dB
SFDR
Spurious-Free dynamic Range
fIN = 248 MHz, VIN = FSR − 0.5 dB
58.5
50
dB (min)
fIN = 498 MHz, VIN = FSR − 0.5 dB
58.5
50
dB (min)
fIN1 = 121 MHz, VIN = FSR − 7 dB
IMD
Intermodulation Distortion
-51
dB
fIN2 = 126 MHz, VIN = FSR − 7 dB
(VIN+) − (VIN−) > + Full Scale
255
Out of Range Output Code
(In addition to OR Output high)
(VIN+) − (VIN−) < − Full Scale
0
ANALOG INPUT AND REFERENCE CHARACTERISTICS
550
mVP-P (min)
FSR pin Low
600
650
mVP-P (max)
Full Scale Analog Differential Input
VIN
Range
750
mVP-P (min)
FSR pin High
800
850
mVP-P (max)
VCMO − 50
mV (min)
VCMI
Common Mode Analog Input Voltage
VCMO
VCMO+ 50
mV (max)
Differential
0.02
pF
CIN
Analog Input Capacitance(6)
Each input to ground
1.6
pF
94
Ω (min)
RIN
Differential Input Resistance
100
106
Ω (max)
ANALOG OUTPUT CHARACTERISTICS
0.95
V (min)
VCMO
Common Mode Output Voltage
ICMO = ±1 µA
1.21
1.45
V (max)
Common Mode Output Voltage
TC VCMO
TA = −40°C to +85°C
118
ppm/°C
Temperature Coefficient
1.22
V (min)
VBG
Bandgap Reference Output Voltage
IBG = ±100 µA
1.26
1.33
V (max)
Bandgap Reference Voltage
TA = −40°C to +85°C,
TC VBG
-28
ppm/°C
Temperature Coefficient
IBG = ±100 µA
(6)
The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF
each pin to ground are isolated from the die capacitances by lead and bond wire inductances.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC081000


Podobny numer części - ADC081000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000LEVAL NSC-ADC081000LEVAL Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Podobny opis - ADC081000_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com