Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC081000 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC081000
Szczegółowy opis  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081000 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC081000 Datasheet HTML 3Page - Texas Instruments ADC081000 Datasheet HTML 4Page - Texas Instruments ADC081000 Datasheet HTML 5Page - Texas Instruments ADC081000 Datasheet HTML 6Page - Texas Instruments ADC081000 Datasheet HTML 7Page - Texas Instruments ADC081000 Datasheet HTML 8Page - Texas Instruments ADC081000 Datasheet HTML 9Page - Texas Instruments ADC081000 Datasheet HTML 10Page - Texas Instruments ADC081000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ADC081000
www.ti.com
SNAS209G – FEBRUARY 2004 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Analog Supply Voltage (VA, VDR)
2.2V
Digital Supply above Analog Supply
(VDR - VA)
300 mV
Voltage on Any Input Pin (Except VIN+, VIN-)
−0.15V to (VA +0.15V)
Voltage on VIN+, VIN- (Maintaining Common Mode)
-0.15V to 2.5V
Ground Difference:
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin(3)
±25 mA
Package Input Current(3)
±50 mA
Power Dissipation at TA = 25°C
2.0 W
ESD Susceptibility(4)
Human Body Model
2500V
Machine Model
250V
Soldering Temperature, Infrared, 10 seconds(5)
235°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no ensurance of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For specifications and test conditions, see the Electrical Characteristics. The specified specifications apply only for
the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
(3)
When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two. This limit is not placed upon the power, ground and digital output pins.
(4)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
(5)
See http://www.ti.com for methods of soldering surface mount devices.
OPERATING RATINGS
(1) (2)
Ambient Temperature Range
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA)
+1.8V to +2.0V
Driver Supply Voltage (VDR)
+1.8V to VA
Analog Input Common Mode Voltage
1.2V to 1.3V
0V to 2.15V (100% duty cycle)
VIN+, VIN- Voltage Range (Maintaining Common Mode)
0V to 2.5V (10% duty cycle)
Ground Difference (|GND - DR GND|)
0V
CLK Pins Voltage Range
0V to VA
Differential CLK Amplitude
0.6VP-P to 2.0VP-P
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no ensurance of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For specifications and test conditions, see the Electrical Characteristics. The specified specifications apply only for
the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
(2)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
PACKAGE THERMAL RESISTANCES
(1)
Package
θJ-C (Top of Package)
θJ-PAD (Thermal Pad)
128-Lead HLQFP
10°C / W
2.8°C / W
(1)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC081000


Podobny numer części - ADC081000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000LEVAL NSC-ADC081000LEVAL Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Podobny opis - ADC081000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com