Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54AC11175 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 54AC11175
Szczegółowy opis  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

54AC11175 Arkusz danych(HTML) 1 Page - Texas Instruments

  54AC11175 Datasheet HTML 1Page - Texas Instruments 54AC11175 Datasheet HTML 2Page - Texas Instruments 54AC11175 Datasheet HTML 3Page - Texas Instruments 54AC11175 Datasheet HTML 4Page - Texas Instruments 54AC11175 Datasheet HTML 5Page - Texas Instruments 54AC11175 Datasheet HTML 6Page - Texas Instruments 54AC11175 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54AC11175, 74AC11175
QUADRUPLE DTYPE FLIPFLOPS
WITH CLEAR
SCAS090 − DECEMBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Applications Include: Buffer/Storage
Registers, Shift Registers, Pattern
Generators
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These positive-edge-triggered flipflops implement
D-type flip-flop logic with a direct clear input.
Information at the D inputs that meets the setup
time requirements is transferred to the outputs on
the positive-going edge of the clock pulse. Clock
triggering occurs at a particular voltage level and
is not directly related to the transition time of the
positive-going pulse. When the clock input is at
either the high or low level, the D input signal has
no effect at the output.
The 54AC11175 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74AC11175 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUTS
CLR
CLK
D
Q
Q
L
X
X
L
H
H
HH
L
H
LL
H
H
L
X
Q0
Q0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Q
2Q
2Q
GND
GND
GND
GND
3Q
3Q
4Q
1Q
CLR
1D
2D
VCC
VCC
3D
4D
CLK
4Q
54AC11175 ...J PACKAGE
74AC11175 . . . DW or N PACKAGE
(TOP VIEW)
54AC11014 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4D
CLK
4Q
4Q
3Q
CLR
1Q
1Q
2Q
2Q
EPIC is a trademark of Texas Instruments Incorporated.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Podobny numer części - 54AC11175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54AC11175 TI-54AC11175 Datasheet
117Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Podobny opis - 54AC11175

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A Datasheet
362Kb / 15P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI-54AC11175 Datasheet
117Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI1-SN54HC175_16 Datasheet
910Kb / 21P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com