Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT11158 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74ACT11158
Szczegółowy opis  QUAD 2 INPUT MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11158 Arkusz danych(HTML) 1 Page - Texas Instruments

  74ACT11158 Datasheet HTML 1Page - Texas Instruments 74ACT11158 Datasheet HTML 2Page - Texas Instruments 74ACT11158 Datasheet HTML 3Page - Texas Instruments 74ACT11158 Datasheet HTML 4Page - Texas Instruments 74ACT11158 Datasheet HTML 5Page - Texas Instruments 74ACT11158 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74AC11158
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SCAS071 − JULY 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Pin Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This data selector/multiplexer contains inverters
and drivers to supply full data selection to the four
output gates. A separate output-enable (OE) input
is provided. A 4-bit word is selected from one of
two sources and is routed to the four outputs. The
74AC11158 provides true data.
The 74AC11158 is characterized for operation
from −40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
OE
A/B
A
B
OUTPUT
Y
H
X
X
X
H
L
LL
X
H
L
LH
X
L
L
HX
L
H
L
H
X
H
L
logic symbol
OE
MUX
20
1A
1
19
1B
EN
10
G1
1
1Y
2
18
2A
17
2B
2Y
3
14
3A
13
3B
3Y
8
12
4A
11
4B
4Y
9
A/B
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A/B
1Y
2Y
GND
GND
GND
GND
3Y
4Y
OE
1A
1B
2A
2B
VCC
VCC
3A
3B
4A
4B
DW OR N PACKAGE
(TOP VIEW)
4Y
3Y
2Y
1Y
9
8
3
2
A/B
OE
4B
4A
3B
3A
2B
2A
1B
1A
1
10
11
12
13
14
17
18
19
20
logic diagram (positive logic)
EPIC is a trademark of Texas Instruments Incorporated.


Podobny numer części - 74ACT11158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ACT11158 PHILIPS-74ACT11158 Datasheet
148Kb / 6P
   QUAD 2 INPUT MULTIPLEXER
October 17 1990
logo
Texas Instruments
74ACT11158 TI1-74ACT11158 Datasheet
81Kb / 5P
[Old version datasheet]   QUADRUPLE 2LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
NXP Semiconductors
74ACT11158D PHILIPS-74ACT11158D Datasheet
148Kb / 6P
   QUAD 2 INPUT MULTIPLEXER
October 17 1990
logo
Texas Instruments
74ACT11158DW TI1-74ACT11158DW Datasheet
81Kb / 5P
[Old version datasheet]   QUADRUPLE 2LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74ACT11158DWR TI1-74ACT11158DWR Datasheet
81Kb / 5P
[Old version datasheet]   QUADRUPLE 2LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results

Podobny opis - 74ACT11158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com