Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10DV200EB Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADC10DV200EB
Szczegółowy opis  Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10DV200EB Arkusz danych(HTML) 1 Page - Texas Instruments

  ADC10DV200EB Datasheet HTML 1Page - Texas Instruments ADC10DV200EB Datasheet HTML 2Page - Texas Instruments ADC10DV200EB Datasheet HTML 3Page - Texas Instruments ADC10DV200EB Datasheet HTML 4Page - Texas Instruments ADC10DV200EB Datasheet HTML 5Page - Texas Instruments ADC10DV200EB Datasheet HTML 6Page - Texas Instruments ADC10DV200EB Datasheet HTML 7Page - Texas Instruments ADC10DV200EB Datasheet HTML 8Page - Texas Instruments ADC10DV200EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ADC10DV200
www.ti.com
SNAS471A – FEBRUARY 2009 – REVISED APRIL 2013
ADC10DV200 Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS
Outputs
Check for Samples: ADC10DV200
1
FEATURES
DESCRIPTION
The ADC10DV200 is a monolithic analog-to-digital
2
Single 1.8V Power Supply Operation.
converter capable of converting two analog input
Power Scaling with Clock Frequency.
signals into 10-bit digital words at rates up to 200
Internal Sample-and-Hold.
Mega Samples Per Second (MSPS). The digital
output
mode
is
selectable
and
can
be
either
Internal or External Reference.
differential LVDS or CMOS signals. This converter
Power Down Mode.
uses a differential, pipelined architecture with digital
Offset Binary or 2's Complement Output Data
error correction and an on-chip sample-and-hold
Format.
circuit to minimize die size and power consumption
while providing excellent dynamic performance. A
LVDS or CMOS Output Signals.
unique sample-and-hold stage yields a full-power
60-pin WQFN Package, (9x9x0.8mm, 0.5mm
bandwidth of 900MHz. Fabricated in core CMOS
Pin-Pitch)
process, the ADC10DV200 may be operated from a
Clock Duty Cycle Stabilizer.
single
1.8V
power
supply.
The
ADC10DV200
achieves approximately 9.6 effective bits at Nyquist
IF Sampling Bandwidth > 900MHz.
and consumes just 280mW at 170MSPS in CMOS
mode and 450mW at 200MSPS in LVDS mode. The
KEY SPECIFICATIONS
power consumption can be scaled down further by
Resolution 10 Bits
reducing sampling rates.
Conversion Rate 200 MSPS
ENOB 9.6 bits (typ) @Fin=70 MHz
SNR 59.9 dBFS (typ) @Fin=70 MHz
SINAD 59.9 dBFS (typ) @Fin=70 MHz
SFDR 82 dBFS (typ) @Fin=70 MHz
LVDS Power 450mW (typ) @Fs=200 MSPS
CMOS Power 280mW (typ) @Fs=170 MSPS
Operating Temp. Range
−40°C to +85°C.
APPLICATIONS
Communications
Medical Imaging
Portable Instrumentation
Digital Video
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADC10DV200EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10DV200EB NSC-ADC10DV200EB Datasheet
542Kb / 24P
   Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
More results

Podobny opis - ADC10DV200EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10DV200 NSC-ADC10DV200 Datasheet
542Kb / 24P
   Dual 10-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DV200 NSC-ADC11DV200 Datasheet
521Kb / 24P
   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
Texas Instruments
ADC11DV200 TI1-ADC11DV200_14 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
ADC11DV200 TI1-ADC11DV200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 11-bit, 200 MSPS Low-Power A/D Converter with Parallel LVDS/CMOS Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
logo
National Semiconductor ...
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com